Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9807JS Datasheet(PDF) 12 Page - Analog Devices

Part # AD9807JS
Description  Complete 12-Bit/10-Bit 6 MSPS CCD/CIS Signal Processors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9807JS Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9807JS Datasheet HTML 8Page - Analog Devices AD9807JS Datasheet HTML 9Page - Analog Devices AD9807JS Datasheet HTML 10Page - Analog Devices AD9807JS Datasheet HTML 11Page - Analog Devices AD9807JS Datasheet HTML 12Page - Analog Devices AD9807JS Datasheet HTML 13Page - Analog Devices AD9807JS Datasheet HTML 14Page - Analog Devices AD9807JS Datasheet HTML 15Page - Analog Devices AD9807JS Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD9807/AD9805
–12–
REV. 0
Color Pointer
Both the AD9807 and the AD9805 use Bits 6 and 7 in the
Configuration Register to direct data to the corresponding
internal registers. Table III shows the mapping of Bits 6 and 7
to their corresponding color.
Table III. Color Pointer Map
Bit 7
Bit 6
Color Register
0
0
Red
0
1
Green
1
0
Blue
1
1
RESERVED
Configuration Register 2
Configuration Register 2 controls several functions: color/black
and white selection, CDS enabling, A/D Reference Control
and Input Clamp Mode. Figure 7 shows the AD9807 and
AD9805 Configuration Register 2 format. Setting Bit 0 enables
the three internal CDS blocks of the AD9807/AD9805. Reset-
ting Bit 0 disables the internal CDS blocks, configuring the part
for SHA operation. Setting Bit 1 places the AD9807/AD9805 in
single-channel (black & white) mode. In this mode, only one of
the three input channels is used. The color bits in the configu-
ration register at the time of the last write indicate the particular
channel used. Resetting Bit 1 places the AD9807/AD9805 in
color mode and all three input channels are enabled. Bits 2-4
control the full-scale input span of the A/D. Setting Bit 2 results in
a 4 V p-p input span. Setting Bit 3 results in a 2 V p-p full-scale
input span. Setting Bit 4 results in a full-scale span set by an
external reference connected to the VREF pin of the AD9807/
AD9805 (Full Scale = 2
× VREF). Resetting Bits 2, 3 or 4
disables that particular mode. Bits 6 and 7 select the desired
clamp mode (see Figure 17). Table IV shows the truth table
for clamp mode functionality. Line clamp mode allows control
of the input switch (S1) via CDSCLK1 only while STRTLN is
reset. Pixel clamp mode allows control of the input switch (S1)
via CDSCLK1 regardless of the state of STRTLN. No clamp
mode disables the input switch (S1) regardless of the selected
mode of CDS operation.
Table IV. Clamp Mode Truth Table
Bit 7
Bit 6
Clamp Mode
0
0
Line Clamp
0
1
Pixel Clamp
1
0
No Clamp
1
1
RESERVED
7
6
5
4
32
10
CDSEN
BLACK & WHITE
ADC FULL SCALE = 4V
ADC FULL SCALE = 2V
EXTERNAL REFERENCE
SET TO 0
CLAMP MODE SELECT
CLAMP MODE SELECT
Figure 7. AD9807/AD9805 Configuration Register 2 Format
Input Offset Registers
The Input Offset Registers control the amount of analog offset
applied to the analog inputs prior to the PGA portion of the
AD9807/AD9805; there is one Input Offset Register for each
color. Figure 8 shows the Input Offset Register format. The
offset range may be varied between –80 mV and 20 mV. The
data format for the Input Offset Registers is straight binary
coding. An all “zeros” data word corresponds to –80 mV. An
all “ones” data word corresponds to 20 mV. The offset is
variable in 256 steps. The contents of the color pointer in the
Configuration Register at the time an Input Offset Register is
written indicates the color for which that offset setting applies.
7
6
5
4
32
10
ANALOG OFFSET (LSB)
ANALOG OFFSET
ANALOG OFFSET
ANALOG OFFSET
ANALOG OFFSET
ANALOG OFFSET
ANALOG OFFSET
ANALOG OFFSET (MSB)
Figure 8. Input Offset Registers Format
PGA Gain Registers
Bits 0–3 of the PGA Gain Registers control the amount of gain
applied to the analog inputs prior to the A/D conversion
portion of the AD9807/AD9805; there is one PGA Gain
Register for each channel. Figure 9 shows the PGA Gain Register
format. The gain range may be varied between 1 and 4. The
data format for the PGA Gain Registers is straight binary
coding. An all “zeros” data word corresponds to an analog
gain of 1. An all “ones” data word corresponds to an analog
gain of 4. The gain is variable in 16 steps (see Figure 16).
The contents of the color pointer in the Configuration
Register at the time a PGA Gain Register is written indicates
the color for which that gain setting applies. Bits 4–7 of the PGA
Gain Registers are reserved.
7
6
5
4
32
10
PGA0
PGA1
PGA2
PGA3
RESERVED
RESERVED
RESERVED
RESERVED
Figure 9. PGA Gain Registers Format
Odd, Even Offset Registers
The Odd and Even Offset Registers provide a means of digitally
compensating the odd and even offset error (Register Imbal-
ance) typical of multiplexed CCD imagers; there is one Odd
and one Even Offset Register for each color. Figure 10 shows
the AD9807/AD9805 Odd and Even Offset Register Formats.
The data format for the Odd and Even Offset Registers is twos
complement. The offsets may be varied between positive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com