Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9807JS Datasheet(PDF) 17 Page - Analog Devices

Part # AD9807JS
Description  Complete 12-Bit/10-Bit 6 MSPS CCD/CIS Signal Processors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9807JS Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9807JS Datasheet HTML 13Page - Analog Devices AD9807JS Datasheet HTML 14Page - Analog Devices AD9807JS Datasheet HTML 15Page - Analog Devices AD9807JS Datasheet HTML 16Page - Analog Devices AD9807JS Datasheet HTML 17Page - Analog Devices AD9807JS Datasheet HTML 18Page - Analog Devices AD9807JS Datasheet HTML 19Page - Analog Devices AD9807JS Datasheet HTML 20Page - Analog Devices AD9807JS Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD9807/AD9805
–17–
REV. 0
Choosing the Input Coupling Capacitors
Because of the dc offset present at the output of CCDs, it is likely
that these outputs will require some form of dc restoration to be
compatible with the input requirements of the AD9807/AD9805.
To simplify input level shifting, a dc blocking capacitor may be
used in conjunction with the internal biasing circuits of the
AD9807/AD9805 to accomplish the necessary dc restoration.
Figure 17 shows the equivalent analog input for the VINR,
VING and VINB inputs.
IBIAS
S1
VBIAS
AD9807/AD9805
C
VIN
CDSCLK1
STRTLN
CONFIG
REG 2<7>
CONFIG
REG 2<6>
CONFIG
REG 2<0>
CDSCLK2
CDS
5k
Ω
4pF
4pF
Figure 17. Equivalent Analog Inputs (VINR, VING, and
VINB)
Enabling CDS functionality and Line Clamp Mode with Bits 0,
6 and 7 in Configuration Register 2 allows switch S1 to turn on
when STRTLN is low and CDSCLK1 goes high. This connects
a 5 k
Ω biasing resistor to the inputs. This arrangement acts to
bias the average level of the input signal at voltage, VBIAS. The
voltage, VBIAS, changes depending on the selected PGA gain set-
ting. Specifically, for gain settings from 0 to 5, VBIAS equals 4 V;
for gain settings from 10 to 15, VBIAS equals 3 V. For gain set-
tings between 5 and 10, VBIAS decreases linearly from 4 V to 3 V.
The size of the coupling capacitor is dependent on several
factors including signal swing, allowable droop, and acquisition
time. The following procedure shows how to determine the
recommended range of capacitors.
Calculating CMAX
The maximum capacitor value is largely dependent on the
degree of accuracy and how quickly the input signal must be
level-shifted into the valid input range of the degree of accuracy.
Other factors affecting the speed of the capacitor charging or
Calculating Overall Gain
The overall gain for the AD9807/AD9805 can accommodate a
wide range of input voltage spans. The total gain is a composite
of analog gain (from the PGAs), digital gain (from the digital
multiplier) and the input span setting for the A/D (2 V or 4 V). To
determine the overall gain setting for the AD9807/AD9805, always
multiply the PGA gain setting by the digital gain setting. In
addition, the 2 V/4 V reference option can effectively provide
analog gain for input signals less than 2 V p-p.
Overall Gain = Analog Gain
× Digital Gain
For example, with the PGA gain equal to 1 (gain setting equals
all “zeros”) and the digital multiplier equal to 1, the minimum
gain equals 1. With these settings, input signals can be as large
as 2 V or 4 V depending on the reference setting. Alternatively,
with the PGA gain equal to 4 (gain setting equals all “ones”)
and the digital multiplier equal to 8, the maximum gain equals
32. With the A/D reference span set to 2 V, an input signal span
as small as 62.5 mV p-p will produce a digital output spanning
from all “zeros” to all “ones.” For ranges between 62.5 mV and
4 V, see the Digital Gain and Analog Gain sections of the data
sheet.
Analog Gain
The transfer function of the PGA is:
Analog Input
=
4
1
+ 3 ×
15
− x
15
where x is the decimal representation of the settings in the PGA
gain register. Figure 16 shows the graph of this transfer
function on both a linear and logarithmic scale. The transfer
function is approximately linear in dB.
12
6
0
10
8
4
2
4.0
2.5
1.0
3.5
3.0
2.0
1.5
PGA GAIN SETTING
013
1
2
3
4
56
78
9
10 11 12
14 15
GAIN
GAIN (dB)
Figure 16. PGA Transfer Function
Digital Gain
The digital multiplier section of the AD9807/AD9805 allows the
user to apply gain in addition to that afforded by the analog
PGA. The minimum gain of the digital multiplier is always 1.
The user sets the maximum gain of the digital multiplier to be 8,
4, or 2 with Bits 0–2 in the Configuration Register. (The max
gain is the same for all three channels.) The digital gain
applied to the output from the digital subtracter is calculated
using the equation:
Digital Gain
= 1+
Gain
< n:0 >
Y


× X
where GAIN<n:0> is the decimal representation of the GAIN
bus data bits, Y = 4096 for the AD9807, Y = 1024 for the
AD9805, and X equals 1, 3 or 7 depending on Bits 0–2 in the
Configuration Register.
Overall Transfer Function
The overall transfer function for the AD9807 can be calculated
as follows:
ADC OUT =
V IN ± InputOffset
()×PGAGain
[]
2
×V
REF
× 4096
DOUT = [ADCOUT + Offset Register – Offset Bus][Digital Gain]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com