Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9807JS Datasheet(PDF) 9 Page - Analog Devices

Part # AD9807JS
Description  Complete 12-Bit/10-Bit 6 MSPS CCD/CIS Signal Processors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9807JS Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9807JS Datasheet HTML 5Page - Analog Devices AD9807JS Datasheet HTML 6Page - Analog Devices AD9807JS Datasheet HTML 7Page - Analog Devices AD9807JS Datasheet HTML 8Page - Analog Devices AD9807JS Datasheet HTML 9Page - Analog Devices AD9807JS Datasheet HTML 10Page - Analog Devices AD9807JS Datasheet HTML 11Page - Analog Devices AD9807JS Datasheet HTML 12Page - Analog Devices AD9807JS Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD9807/AD9805
–9–
REV. 0
PIXEL 0
tS
tH
tGOH
tGOS
tC1B
tC2C1B
tCRB
CDSCLK1
tC1C2B
tC1AD
PIXEL 1
PIXEL n
tAD
tAD
ANALOG
INPUTS
STRTLN
CDSCLK2
tSTL1
tACLK
tACLK
G2
G1
G0
tCP2
ADCCLK
GAIN<n:0>
OFFSET<m:0>
tC2B
Figure 1d. 1-Channel CDS-Mode Clock Timing (Red Channel)
CDSCLK1
tCRB
tS
tH
STRTLN
Rn, Gn, Bn
tAD
(0V)
ANALOG
INPUTS
R0, G0, B0
R1, G1, B1
tC2B
tACLK
tACLK
tSTL2
tCP
tGOS
tGOH
G1
G0
ADCCLK
GAIN<n:0>
OFFSET<m:0>
G2
Figure 1e. 1-Channel SHA-Mode Clock Timing (for Blue and Green Channels)
CDSCLK1
tCRB
tS
tH
STRTLN
Rn, Gn, Bn
tAD
(0V)
ANALOG
INPUTS
R0, G0, B0
R1, G1, B1
tC2B
tACLK
tACLK
tCP2
tGOS
tGOH
G1
G0
ADCCLK
GAIN<n:0>
OFFSET<m:0>
tSTL1
Figure 1f. 1-Channel SHA-Mode Clock Timing (Red Channel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com