Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1024 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1024
Description  System Hardware Monitor with Remote Diode Thermal Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1024 Datasheet(HTML) 1 Page - Analog Devices

  ADM1024 Datasheet HTML 1Page - Analog Devices ADM1024 Datasheet HTML 2Page - Analog Devices ADM1024 Datasheet HTML 3Page - Analog Devices ADM1024 Datasheet HTML 4Page - Analog Devices ADM1024 Datasheet HTML 5Page - Analog Devices ADM1024 Datasheet HTML 6Page - Analog Devices ADM1024 Datasheet HTML 7Page - Analog Devices ADM1024 Datasheet HTML 8Page - Analog Devices ADM1024 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADM1024
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
System Hardware Monitor with
Remote Diode Thermal Sensing
FUNCTIONAL BLOCK DIAGRAM
ADDRESS
POINTER
REGISTER
TEMPERATURE
CONFIGURATION
REGISTER
10-BIT ADC
NTEST OUT/ADD
SDA
SCL
2.5V
BANDGAP
REFERENCE
INPUT
ATTENUATORS
AND
ANALOG
MULTIPLEXER
BANDGAP
TEMPERATURE
SENSOR
VID0–3 AND
FAN DIVISOR
REGISTER
VID4 AND
DEVICE ID
REGISTER
100k
PULLUPS
VCC
VCC
+5VIN
D1+
D1–
GND
ADM1024
FAN SPEED
COUNTER
+12VIN
CONFIGURATION
REGISTERS
INTERRUPT
STATUS
REGISTERS
VALUE AND
LIMIT
REGISTERS
LIMIT
COMPARATORS
SERIAL BUS
INTERFACE
CHANNEL
MODE
REGISTER
CHASSIS
INTRUSION
CLEAR
REGISTER
INT MASK
REGISTERS
INTERRUPT
MASKING
ANALOG
OUTPUT
REGISTER AND
8-BIT DAC
VCC
VCC
CI
THERM
INT
NTEST IN/AOUT
RESET
VID0/IRQ0
VID1/IRQ1
VID2/IRQ2
VID3/IRQ3
VID4/IRQ4
+VCCP1
+2.5VIN/D2+
FAN1/AIN1
VCCP2/D2–
FAN2/AIN2
POWER TO CHIP
100k
VCC
100k
100k
FEATURES
Up to Nine Measurement Channels
Inputs Programmable-to-Measure Analog Voltage, Fan
Speed or External Temperature
External Temperature Measurement with Remote
Diode (Two Channels)
On-Chip Temperature Sensor
Five Digital Inputs for VID Bits
LDCM Support
System Management Bus (SMBus)
Chassis Intrusion Detect
Interrupt and Over Temperature Outputs
Programmable
RESET Input Pin
Shutdown Mode to Minimize Power Consumption
Limit Comparison of all Monitored Values
PRODUCT DESCRIPTION
The ADM1024 is a complete system hardware monitor for
microprocessor-based systems, providing measurement and limit
comparison of various system parameters. Eight measurement
inputs are provided, of which three are dedicated to monitoring
5 V and 12 V power supplies and the processor core voltage.
The ADM1024 can monitor a fourth power-supply voltage by
measuring its own VCC. One input (two pins) is dedicated to a
remote temperature-sensing diode. Two further pins can be
(continued on page 7)
APPLICATIONS
Network Servers and Personal Computers
Microprocessor-Based Office Equipment
Test Equipment and Measuring Instruments


Similar Part No. - ADM1024

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1024 ONSEMI-ADM1024 Datasheet
315Kb / 29P
System Hardware Monitor with Remote Diode Thermal Sensing
April, 2012 ??Rev. 4
ADM1024ARUZ ONSEMI-ADM1024ARUZ Datasheet
315Kb / 29P
System Hardware Monitor with Remote Diode Thermal Sensing
April, 2012 ??Rev. 4
ADM1024ARUZ-REEL ONSEMI-ADM1024ARUZ-REEL Datasheet
315Kb / 29P
System Hardware Monitor with Remote Diode Thermal Sensing
April, 2012 ??Rev. 4
ADM1024ARUZ-REEL ONSEMI-ADM1024ARUZ-REEL Datasheet
256Kb / 30P
System Hardware Monitor with Remote Diode Thermal Sensing
January, 2016 ??Rev. 5
ADM1024 ONSEMI-ADM1024_16 Datasheet
256Kb / 30P
System Hardware Monitor with Remote Diode Thermal Sensing
January, 2016 ??Rev. 5
More results

Similar Description - ADM1024

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78 NSC-LM78 Datasheet
424Kb / 31P
Microprocessor System Hardware Monitor
LM79 NSC-LM79 Datasheet
481Kb / 31P
Microprocessor System Hardware Monitor
LM87 NSC-LM87 Datasheet
470Kb / 32P
Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
logo
Analog Devices
ADM1028 AD-ADM1028 Datasheet
197Kb / 16P
Remote Thermal Diode Monitor with Linear Fan Control
logo
National Semiconductor ...
LM41 NSC-LM41 Datasheet
367Kb / 27P
Hardware Monitor with Thermal Diode Inputs and SensorPath??Bus
LM96011 NSC-LM96011 Datasheet
80Kb / 2P
Hardware Monitor with Thermal Diode Input and SensorPath??Bus
logo
ON Semiconductor
ADM1024 ONSEMI-ADM1024 Datasheet
315Kb / 29P
System Hardware Monitor with Remote Diode Thermal Sensing
April, 2012 ??Rev. 4
NVT224 ONSEMI-NVT224 Datasheet
618Kb / 58P
Remote Thermal Monitor
August, 2012 ??Rev. 1
logo
Texas Instruments
LM87 TI1-LM87 Datasheet
1Mb / 43P
Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
logo
ON Semiconductor
ADM1024 ONSEMI-ADM1024_16 Datasheet
256Kb / 30P
System Hardware Monitor with Remote Diode Thermal Sensing
January, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com