Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1024 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM1024
Description  System Hardware Monitor with Remote Diode Thermal Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1024 Datasheet(HTML) 4 Page - Analog Devices

  ADM1024 Datasheet HTML 1Page - Analog Devices ADM1024 Datasheet HTML 2Page - Analog Devices ADM1024 Datasheet HTML 3Page - Analog Devices ADM1024 Datasheet HTML 4Page - Analog Devices ADM1024 Datasheet HTML 5Page - Analog Devices ADM1024 Datasheet HTML 6Page - Analog Devices ADM1024 Datasheet HTML 7Page - Analog Devices ADM1024 Datasheet HTML 8Page - Analog Devices ADM1024 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADM1024
–4–
REV. 0
ABSOLUTE MAXIMUM RATINGS
*
Positive Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . 6.5 V
Voltage on 12 V VIN Pin . . . . . . . . . . . . . . . . . . . . . . . . . 20 V
Voltage on AOUT, N TEST_OUT ADD, 2.5 VIN/D2+
. . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to (VCC + 0.3 V)
Voltage on Any Other Input or Output Pin . . –0.3 V to +6.5 V
Input Current at Any Pin
. . . . . . . . . . . . . . . . . . . . . . .
±5 mA
Package Input Current . . . . . . . . . . . . . . . . . . . . . . . .
±20 mA
Maximum Junction Temperature (TJ max) . . . . . . . . . . 150
°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature, Soldering
Vapor Phase 60 sec . . . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared 15 sec . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .200
°C
ESD Rating All Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . 2000 V
*Stresses above those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional operation
of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
THERMAL CHARACTERISTICS
24-Lead Small Outline Package:
θJA = 50°C/W, θJC = 10°C/W.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
ADM1024ARU
0
°C to 100°C
24-Lead TSSOP
RU-24
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
ADM1024
NTEST OUT/ADD
VID0/IRQ0
THERM
VID1/IRQ1
SDA
VID2/IRQ2
SCL
VID3/IRQ3
FAN1/AIN1
VID4/IRQ4
FAN2/AIN2
+VCCP1
CI
+2.5VIN/D2+
GND
VCCP2/D2–
VCC
+5VIN
INT
+12VIN
NTEST IN/AOUT
D1+
RESET
D1–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com