Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1024 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM1024
Description  System Hardware Monitor with Remote Diode Thermal Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1024 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM1024 Datasheet HTML 6Page - Analog Devices ADM1024 Datasheet HTML 7Page - Analog Devices ADM1024 Datasheet HTML 8Page - Analog Devices ADM1024 Datasheet HTML 9Page - Analog Devices ADM1024 Datasheet HTML 10Page - Analog Devices ADM1024 Datasheet HTML 11Page - Analog Devices ADM1024 Datasheet HTML 12Page - Analog Devices ADM1024 Datasheet HTML 13Page - Analog Devices ADM1024 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADM1024
–10–
REV. 0
Table II. Channel Mode Register
Channel Mode Register Bit
Controls Pin(s)
Function
0
5
0 = FAN1, 1 = AIN1
1
6
0 = FAN2, 1 = AIN2
2
17, 18
0 = 2.5 V, VCCP2, 1 = D2–, D2+
3
Int. VCC Meas.
0 = 3.3 V, 1 = 5 V
4
24
0 = VID0, 1 = IRQ0
5
23
0 = VID1, 1 = IRQ1
6
22
0 = VID2, 1 = IRQ2
7
20–24
0 = VID0 to VID4, 1 = Interrupt Inputs
Power-on Default = 0000 0000
Table III. A/D Output Code vs. VIN
Input Voltage
A/D Output
+12 VIN
+5 VIN
VCC (3.3 V)
VCC (5 V)
+2.5 VIN
+VCCP1/2
AIN(1/2)
Decimal
Binary
<0.062
<0.026
<0.0172
<0.026
<0.013
<0.014
<0.010
0
00000000
0.062–0.125
0.026–0.052
0.017–0.034
0.026–0.052
0.013–0.026
0.014–0.028
0.010–0.019
1
00000001
0.125–0.188
0.052–0.078
0.034–0.052
0.052–0.078
0.026–0.039
0.028–0.042
0.019–0.029
2
00000010
0.188–0.250
0.078–0.104
0.052–0.069
0.078–0.104
0.039–0.052
0.042–0.056
0.029–0.039
3
00000011
0.250–0.313
0.104–0.130
0.069–0.086
0.104–0.130
0.052–0.065
0.056–0.070
0.039–0.049
4
00000100
0.313–0.375
0.130–0.156
0.086–0.103
0.130–0.156
0.065–0.078
0.070–0.084
0.049–0.058
5
00000101
0.375–0.438
0.156–0.182
0.103–0.120
0.156–0.182
0.078–0.091
0.084–0.098
0.058–0.068
6
00000110
0.438–0.500
0.182–0.208
0.120–0.138
0.182–0.208
0.091–0.104
0.098–0.112
0.068–0.078
7
00000111
0.500–0.563
0.208–0.234
0.138–0.155
0.208–0.234
0.104–0.117
0.112–0.126
0.078–0.087
8
00001000
•
•
•
4.000–4.063
1.666–1.692
1.100–1.117
1.666–1.692
0.833–0.846
0.900–0.914
0.625–0.635
64 (1/4-Scale)
01000000
•
•
•
8.000–8.063
3.330–3.560
2.200–2.217
3.330–3.560
1.667–1.680
1.800–1.814
1.250–1.260
128 (1/2-Scale)
10000000
•
•
•
12.000–12.063
5.000–5.026
3.300–3.317
5.000–5.026
2.500–2.513
2.700–2.714
1.875–1.885
192 (3/4-Scale)
11000000
•
•
•
15.312–15.375
6.380–6.406
4.210–4.230
6.380–6.406
3.190–3.203
3.445–3.459
2.392–2.402
245
11110101
15.375–15.437
6.406–6.432
4.230–4.245
6.406–6.432
3.203–3.216
3.459–3.473
2.402–2.412
246
11110110
15.437–15.500
6.432–6.458
4.245–4.263
6.432–6.458
3.216–3.229
3.473–3.487
2.412–2.422
247
11110111
15.500–15.563
6.458–6.484
4.263–4.280
6.458–6.484
3.229–3.242
3.487–3.501
2.422–2.431
248
11111000
15.563–15.625
6.484–6.510
4.280–4.300
6.484–6.510
3.242–3.255
3.501–3.515
2.431–2.441
249
11111001
15.625–15.688
6.510–6.536
4.300–4.314
6.510–6.536
3.255–3.268
3.515–3.529
2.441–2.451
250
11111010
15.688–15.750
6.536–6.562
4.314–4.331
6.536–6.562
3.268–3.281
3.529–3.543
2.451–2.460
251
11111011
15.750–15.812
6.562–6.588
4.331–4.348
6.562–6.588
3.281–3.294
3.543–3.558
2.460–2.470
252
11111100
15.812–15.875
6.588–6.615
4.348–4.366
6.588–6.615
3.294–3.307
3.558–3.572
2.470–2.480
253
11111101
15.875–15.938
6.615–6.640
4.366–4.383
6.615–6.640
3.307–3.320
3.572–3.586
2.480–2.490
254
11111110
>15.938
>6.640
>4.383
>6.640
>3.320
>3.586
>2.490
255
11111111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com