Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1024 Datasheet(PDF) 18 Page - Analog Devices

Part # ADM1024
Description  System Hardware Monitor with Remote Diode Thermal Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1024 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADM1024 Datasheet HTML 14Page - Analog Devices ADM1024 Datasheet HTML 15Page - Analog Devices ADM1024 Datasheet HTML 16Page - Analog Devices ADM1024 Datasheet HTML 17Page - Analog Devices ADM1024 Datasheet HTML 18Page - Analog Devices ADM1024 Datasheet HTML 19Page - Analog Devices ADM1024 Datasheet HTML 20Page - Analog Devices ADM1024 Datasheet HTML 21Page - Analog Devices ADM1024 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ADM1024
–18–
REV. 0
0
1
2
3
4
5
6
7
INTERRUPT
STATUS
REGISTER 1
0
1
2
3
4
5
6
7
INTERRUPT
STATUS
REGISTER 2
MASKING
DATA
FROM BUS
INTERRUPT MASK
REGISTERS 1 AND 2
(SAME BIT ORDER AS
STATUS REGISTERS)
2.5V/EXT.
TEMP 2
VCCP1
VCC
+5V
INT. TEMP
EXT. TEMP1
FAN1/AIN1
FAN2/AIN2
INT ENABLE
INT CLEAR
INT
16 MASK BITS
+12V
VCCP2
RESERVED
RESERVED
CI
THERM
D1 FAULT
D2 FAULT
HIGH
LIMIT
VALUE
LOW
LIMIT
1 = OUT
OF
LIMIT
HIGH
AND
LOW
LIMIT
COMPARA-
TORS
DATA
DEMULTI-
PLEXER
FROM
VALUE
AND LIMIT
REGISTERS
CHANNEL
MODE
REGISTER
4
5
6
7
VID0–VID4
REGISTERS
VID0/IRQ0
VID1/IRQ1
VID2/IRQ2
VID3/IRQ3
VID4/IRQ4
CONFIGURATION
REGISTER 2
6
7
STATUS
BIT
MASK
BIT
MASK GATING
11
CONFIGURATION
REGISTER 1
THERM
THERM
CLEAR
THERM
Figure 21. Interrupt Register Structure
to be asserted. After masking, the status bits are all OR’d
together to produce the
INT output, which will pull low if any
unmasked status bit goes high, i.e., when any measured value
goes out of limit. The ADM1024 also has a dedicated output for
temperature interrupts only, the
THERM input/output Pin 2.
The function of this is described later.
The
INT output is enabled when Bit 1 of Configuration Register 1
(
INT_Enable) is high, and Bit 3 (INT_Clear) is low.
The
INT pin has an internal, 100 k
Ω pull-up resistor.
VID/IRQ INPUTS
The processor voltage ID inputs VID0 to VID4 can be reconfig-
ured as interrupt inputs by setting Bit 7 of the Channel Mode
Register (address 16h). In this mode they operate as level-triggered
interrupt inputs, with VID0/IRQ0 to VID2/IRQ2 being active
low and VID2/IRQ2 and VID4/IRQ4 being active high. The
individual interrupt inputs can be enabled or masked by setting
or clearing Bits 4 to 6 of the Channel Mode Register and Bits
6 and 7 of Configuration Register 2 (address 4Ah). These interrupt
inputs are not latched in the ADM1024, so they do not require
clearing as do bits in the Status Registers. However, the external
interrupt source should be cleared once the interrupt has been
serviced, or the interrupt request will be reasserted.
INTERRUPT CLEARING
Reading an Interrupt Status Register will output the contents of
the Register, then clear it. It will remain cleared until the moni-
toring cycle updates it, so the next read operation should not be
performed on the register until this has happened, or the result
will be invalid. The time taken for a complete monitoring cycle
is mainly dependent on the time taken to measure the fan speeds,
as described earlier.
The
INT output is cleared with the INT_Clear bit, which is Bit
3 of the Configuration Register, without affecting the contents
of the Interrupt (
INT) Status Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com