Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1024 Datasheet(PDF) 2 Page - Analog Devices

Part # ADM1024
Description  System Hardware Monitor with Remote Diode Thermal Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1024 Datasheet(HTML) 2 Page - Analog Devices

  ADM1024 Datasheet HTML 1Page - Analog Devices ADM1024 Datasheet HTML 2Page - Analog Devices ADM1024 Datasheet HTML 3Page - Analog Devices ADM1024 Datasheet HTML 4Page - Analog Devices ADM1024 Datasheet HTML 5Page - Analog Devices ADM1024 Datasheet HTML 6Page - Analog Devices ADM1024 Datasheet HTML 7Page - Analog Devices ADM1024 Datasheet HTML 8Page - Analog Devices ADM1024 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
–2–
REV. 0
ADM1024–SPECIFICATIONS1, 2(T
A = TMIN to TMAX, VCC = VMIN to VMAX, unless otherwise noted)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY
Supply Voltage, VCC
2.8
3.30
5.5
V
Supply Current, ICC
1.4
2.6
mA
Interface Inactive, ADC Active
1.0
mA
ADC Inactive, DAC Active
45
145
µA
Shutdown Mode
TEMPERATURE-TO-DIGITAL CONVERTER
Internal Sensor Accuracy
±3
°C0°C ≤ TA ≤ 100°C
±2
°CTA = 25°C
Resolution
±1
°C
External Diode Sensor Accuracy
±5
°C0°C ≤ TA ≤ 100°C
±3
°C25°C
Resolution
±1
°C
Remote Sensor Source Current
80
110
150
µA
High Level
4
6.5
9
µA
Low Level
ANALOG-TO-DIGITAL CONVERTER
(INCLUDING MUX AND ATTENUATORS)
Total Unadjusted Error, TUE (12 VIN)
±4
%
(See Note 3)
TUE (AIN, VCCP, 2.5 VIN, 5 VIN)
±3%
Differential Nonlinearity, DNL
±1
LSB
Power Supply Sensitivity
±1
%/V
Conversion Time (Analog Input or Int. Temp)
754.8
856.8
µs0°C ≤ TA ≤ 100°C4
Conversion Time (External Temperature)
9.6
ms
(See Note 4)
Input Resistance (2.5 V, 5 V, 12 V, VCCP1, VCCP2)
100
140
200
k
Ω
Input Resistance (AIN1, AIN2)
5
M
Ω
ANALOG OUTPUT
Output Voltage Range
0
2.5
V
Total Unadjusted Error, TUE
±3%
IL = 2 mA
Full-Scale Error
±1
±5%
Zero-Scale Error
2
LSB
No Load
Differential Nonlinearity, DNL
±1
LSB
Monotonic by Design
Integral Nonlinearity
±1
LSB
Output Source Current
2
mA
Output Sink Current
1
mA
FAN RPM-TO-DIGITAL CONVERTER
Accuracy
±12
%
0
°C ≤ T
A
≤ 100°C
Full-Scale Count
255
FAN1 and FAN2 Nominal Input RPM
5
8800
rpm
Divisor = 1, Fan Count = 153
4400
rpm
Divisor = 2, Fan Count = 153
2200
rpm
Divisor = 3, Fan Count = 153
1100
rpm
Divisor = 4, Fan Count = 153
Internal Clock Frequency
19.8
22.5
25.2
kHz
0
°C ≤ T
A
≤ 100°C
DIGITAL OUTPUTS NTEST_OUT
Output High Voltage, VOH
2.4
V
IOUT = +3.0 mA, VCC = 2.85 V – 3.60 V
Output Low Voltage, VOL
0.4
V
IOUT = –3.0 mA, VCC = 2.85 V – 3.60 V
OPEN-DRAIN DIGITAL OUTPUTS
(See Note 6)
(INT,
THERM, RESET)
Output Low Voltage, VOL
0.4
V
IOUT = –3.0 mA, VCC = 3.60 V
High Level Output Current, IOH
0.1
100
µAVOUT = VCC
RESET and CI Pulsewidth
20
45
ms
OPEN-DRAIN SERIAL DATA BUS OUTPUT
(SDA)
Output Low Voltage, VOL
0.4
V
IOUT = –3.0 mA, VCC = 2.85 V – 3.60 V
High Level Output Current, IOH
0.1
100
µAVOUT = VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com