Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1024 Datasheet(PDF) 23 Page - Analog Devices

Part # ADM1024
Description  System Hardware Monitor with Remote Diode Thermal Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1024 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADM1024 Datasheet HTML 19Page - Analog Devices ADM1024 Datasheet HTML 20Page - Analog Devices ADM1024 Datasheet HTML 21Page - Analog Devices ADM1024 Datasheet HTML 22Page - Analog Devices ADM1024 Datasheet HTML 23Page - Analog Devices ADM1024 Datasheet HTML 24Page - Analog Devices ADM1024 Datasheet HTML 25Page - Analog Devices ADM1024 Datasheet HTML 26Page - Analog Devices ADM1024 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
ADM1024
–23–
REV. 0
ADM REGISTERS
Table VI. Address Pointer Register
Bit
Name
R/
W
Description
7–0
Address Pointer
Write
Address of ADM1024 Registers. See the tables below for detail.
Table VII. List of Registers
Hex
Power-On Value
Address
Description
(Binary Bit 7– 0)
Notes
13h
Internal Temperature
= 70
°C
Can be written only if the write once bit in Configuration
Hardware Trip Point
Register 2 has not been set. Values higher than 70
°C will
have no affect as the fixed trip point in register 16h will be
reached first.
14h
External Temp
= 85
°C
Can be written only if the write once bit in Configuration
Hardware Trip Point
Register 2 has not been set. Values higher than 85
°C will
have no affect as the fixed trip point in register 17h will be
reached first.
15h
Test Register
0000 00X0
Setting Bit 0 of this register to 1 selects shutdown mode.
Caution: Do not write to any other bits in this register.
16h
Channel Mode Register
0000 0000
This register configures the input channels and configures
VID0 to VID as processor voltage ID or interrupt inputs.
17h
Internal Temperature
= 70
°C
Read Only. Cannot be changed.
Fixed Hardware Trip Point
18h
External Temperature
= 85
°C
Read Only. Cannot be changed.
Fixed Hardware Trip Point
19h
Programmed Value of Analog Output
1111 1111
1Ah
AIN1 Low Limit
Indeterminate
1Bh
AIN2 Low Limit
Indeterminate
20h
2.5 V Measured Value/EXT Temp2
Indeterminate
Read Only.
21h
VCCP1 Measured Value
Indeterminate
Read Only.
22h
VCC Measured Value
Indeterminate
Read Only.
23h
5 V Value
Indeterminate
Read Only.
24h
12 V Measured Value
Indeterminate
Read Only.
25h
VCCP2 Measured Value
Indeterminate
Read Only
26h
Ext. Temp1 Value
Indeterminate
Read Only. Stores the measurement from a diode sensor
connected to Pins 13 and 14.
27h
Internal Temperature Value
Indeterminate
Read Only. This register is used to store eight bits of the
internal temperature reading.
28h
FAN1/AIN1 Value
Indeterminate
Read Only. Stores FAN1 or AIN1 reading depending on
the configuration of Pin 5.
29h
FAN2/AIN1 Value
Indeterminate
Read Only. Stores FAN2 or AIN2 reading depending on
the configuration of Pin 6.
2Ah
Reserved
Indeterminate
2Bh
2.5 V/Ext. Temp2 High Limit
Indeterminate
Stores high limit for 2.5 V input or, in temperature mode,
this register stores the high limit for a diode sensor con-
nected to Pins 17 and 18.
2Ch
2.5 V/Ext. Temp2 Low Limit
Indeterminate
Stores low limit for 2.5 V input or, in temperature mode,
this register stores the low limit for a diode sensor con-
nected to Pins 17 and 18.
2Dh
VCCP1 High Limit
Indeterminate
2Eh
VCCP1 Low Limit
Indeterminate
2Fh
VCC High Limit
Indeterminate
30h
VCC Low Limit
Indeterminate
31h
5 V High Limit
Indeterminate
32h
5 V Low Limit
Indeterminate
33h
12 V High Limit
Indeterminate
34h
12 V Low Limit
Indeterminate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com