Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1024 Datasheet(PDF) 14 Page - Analog Devices

Part # ADM1024
Description  System Hardware Monitor with Remote Diode Thermal Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1024 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADM1024 Datasheet HTML 10Page - Analog Devices ADM1024 Datasheet HTML 11Page - Analog Devices ADM1024 Datasheet HTML 12Page - Analog Devices ADM1024 Datasheet HTML 13Page - Analog Devices ADM1024 Datasheet HTML 14Page - Analog Devices ADM1024 Datasheet HTML 15Page - Analog Devices ADM1024 Datasheet HTML 16Page - Analog Devices ADM1024 Datasheet HTML 17Page - Analog Devices ADM1024 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADM1024
–14–
REV. 0
AOUT
12V
Q1
2N2219A
R1
10k
R2
36k
1/4
LM324
Figure 16a. Fan Drive Circuit with Op Amp and Emitter—
Follower
AOUT
12V
Q1
BD136
2SA968
R1
10k
R2
39k
1/4
LM324
R4
1k
R3
1k
Figure 16b. Fan Drive Circuit with Op Amp and PNP Transistor
AOUT
12V
Q1
IRF9620
R1
10k
R2
39k
1/4
LM324
R3
100k
Figure 16c. Fan Driver Circuit with Op Amp and P-Channel
MOSFET
12V
Q3
IRF9620
R2
100k
R3
3.9k
R4
1k
R1
100k
AOUT
Q1/Q2
MBT3904
DUAL
Figure 16d. Discrete Fan Drive Circuit with P-Channel
MOSFET, Single Supply
12V
Q3
IRF9620
R2
100k
R3
39k
R4
10k
AOUT
Q1/Q2
MBT3904
DUAL
R1
4.7k
–12V
Figure 16e. Discrete Fan Drive Circuit with P-Channel
MOSFET, Dual Supply
12V
Q4
BD132
TIP32A
R2
100k
R3
3.9k
R4
1k
R1
100k
AOUT
Q1/Q2
MBT3904
DUAL
R5
100
Q3
BC556
2N3906
Figure 16f. Discrete Fan Drive Circuit with Bipolar Out-
put Dual Supply
Suitable fan drive circuits are given in Figures 16a to 16f. When
using any of these circuits, the following points should be noted:
1. All of these circuits will provide an output range from zero
to almost 12 V, apart from Figure 17a which loses the base-
emitter voltage drop of Q1 due to the emitter-follower
configuration.
2. To amplify the 2.5 V range of the analog output up to 12 V,
the gain of these circuits needs to be around 4.8.
3. Care must be taken when choosing the op amp to ensure
that its input common-mode range and output voltage swing
are suitable.
4. The op amp may be powered from the 12 V rail alone or from
±12 V. If it is powered from 12 V then the input common-
mode range should include ground to accommodate the
minimum output voltage of the DAC, and the output voltage
should swing below 0.6 V to ensure that the transistor can
be turned fully off.
5. If the op amp is powered from –12 V, precautions such as a
clamp diode to ground may be needed to prevent the base-
emitter junction of the output transistor being reverse-biased
in the unlikely event that the output of the op amp should
swing negative for any reason.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com