Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1024 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM1024
Description  System Hardware Monitor with Remote Diode Thermal Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1024 Datasheet(HTML) 3 Page - Analog Devices

  ADM1024 Datasheet HTML 1Page - Analog Devices ADM1024 Datasheet HTML 2Page - Analog Devices ADM1024 Datasheet HTML 3Page - Analog Devices ADM1024 Datasheet HTML 4Page - Analog Devices ADM1024 Datasheet HTML 5Page - Analog Devices ADM1024 Datasheet HTML 6Page - Analog Devices ADM1024 Datasheet HTML 7Page - Analog Devices ADM1024 Datasheet HTML 8Page - Analog Devices ADM1024 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
–3–
REV. 0
ADM1024
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SERIAL BUS DIGITAL INPUTS
(SCL, SDA)
Input High Voltage, VIH
2.2
V
Input Low Voltage, VIL
0.8
V
Hysteresis
500
mV
Glitch Immunity
100
ns
DIGITAL INPUT LOGIC LEVELS
(See Note 7)
(ADD, CI,
RESET, VID0–VID4, FAN1, FAN2)
Input High Voltage, VIH
2.2
V
VCC = 2.85 V – 5.5 V
Input Low Voltage, VIL
0.8
V
VCC = 2.85 V – 5.5 V
NTEST_IN
Input High Voltage, VIH
2.2
V
VCC = 2.85 V – 5.5 V
DIGITAL INPUT CURRENT
Input High Current, IIH
–1
µAV
IN = VCC
Input Low Current, IIL
1
µAVIN = 0
Input Capacitance, CIN
20
pF
SERIAL BUS TIMING
8
Clock Frequency, fSCLK
400
kHz
See Figure 1
Glitch Immunity, tSW
50
ns
See Figure 1
Bus Free Time, tBUF
1.3
µs
See Figure 1
Start Setup Time, tSU;STA
600
ns
See Figure 1
Start Hold Time, tHD;STA
600
ns
See Figure 1
SCL Low Time, tLOW
1.3
µs
See Figure 1
SCL High Time, tHIGH
0.6
µs
See Figure 1
SCL, SDA Rise Time, tr
300
ns
See Figure 1
SCL, SDA Fall Time, tf
300
µs
See Figure 1
Data Setup Time, tSU;DAT
100
ns
See Figure 1
Data Hold Time, tHD;DAT
900
ns
See Figure 1
NOTES
1All voltages are measured with respect to GND, unless otherwise specified.
2Typicals are at T
A = 25
°C and represent most likely parametric norm. Shutdown current typ is measured with V
CC = 3.3 V.
3TUE (Total Unadjusted Error) includes Offset, Gain and Linearity errors of the ADC, multiplexer and on-chip input attenuators, including an external series input
protection resistor value between zero and 1 k
Ω.
4Total monitoring cycle time is nominally m
× 755 µs + n × 33244 µs, where m is the number of channels configured as analog inputs, plus two for the internal V
CC
measurement and internal temperature sensor, and n is the number of channels configured as external temperature channels (D1 and D2).
5The total fan count is based on two pulses per revolution of the fan tachometer output.
6Open-drain digital outputs may have an external pull-up resistor connected to a voltage lower or higher than V
CC (up to 6.5 V absolute maximum).
7All logic inputs except ADD are tolerant of 5 V logic levels, even if V
CC is less than 5 V. ADD is a three-state input that may connected to VCC, GND, or left open-circuit.
8Timing specifications are tested at logic levels of V
IL = 0.8 V for a falling edge and VIH = 2.2 V for a rising edge.
Specifications subject to change without notice.
P
S
P
tHD;STA
tSU;STA
tSU;DAT
tHIGH
tF
tHD;DAT
tR
tLOW
tHD;STA
tBUF
S
SCL
SDA
tSU;STO
Figure 1. Diagram for Serial Bus Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com