Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8523TK/1 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCF8523TK/1
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523TK/1 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCF8523TK/1 Datasheet HTML 15Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 16Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 17Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 18Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 19Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 20Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 21Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 22Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
19 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
An unreliable battery does not ensure data integrity during periods of backup battery
operation.
When VBAT drops below the threshold value Vth(bat)low, the following sequence occurs (see
Figure 11):
1. The battery low flag BLF is set logic 1
2. An interrupt is generated if the control bit BLIE (register Control_3) is enabled. The
interrupt remains active until the battery is replaced (BLF set logic 0) or when bit BLIE
is disabled (BLIE set logic 0)
3. The flag BLF (register Control_3) remains logic 1 until the battery is replaced. BLF
cannot be cleared using the interface. It is cleared automatically by the battery low
detection circuit when the battery is replaced
8.6 Time and date registers
Most of these registers are coded in the Binary Coded Decimal (BCD) format. BCD is
used to simplify application use. An example is shown for the array SECONDS in
Table 13.
Fig 11. Battery low detection behavior with bit BLIE set logic 1 (enabled)
013aaa323
internal power supply (= VBBS)
VBAT
BLF
Vth(bat)low
(= 2.5 V)
VBAT
VDD = VBBS
INT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com