Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8523TK/1 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # PCF8523TK/1
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523TK/1 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button PCF8523TK/1 Datasheet HTML 56Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 57Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 58Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 59Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 60Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 61Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 62Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 63Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
60 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
17.2 Wafer and Film Frame Carrier (FFC) information
SOT402-1 (TSSOP14) of PCF8523TS
A0
pocket width in x direction
6.95
mm
B0
pocket width in y direction
5.6
mm
K0
pocket depth
1.6
mm
P1
pocket hole pitch
8.0
mm
W
tape width in y direction
12.0
mm
Table 54.
Carrier tape dimensions of PCF8523 …continued
Symbol
Description
Value
Unit
(1) Die marking code.
Seal ring plus gap to active circuit ~18
m. Wafer thickness 200 m.
PCF8523U: bad die are marked in wafer mapping.
Fig 43. PCF8523U wafer information
013aaa232
Saw lane
~18
μm
45
μm
70
μm
~18
μm
detail X
1.449 mm
1.492 mm
1
1
1
1
X
straight edge
of the wafer
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com