Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8523TK/1 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # PCF8523TK/1
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523TK/1 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button PCF8523TK/1 Datasheet HTML 67Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 68Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 69Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 70Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 71Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 72Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 73Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 74Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 75Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 71 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
71 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
25. Tables
Table 1.
Ordering information . . . . . . . . . . . . . . . . . . . . .2
Table 2.
Ordering options . . . . . . . . . . . . . . . . . . . . . . . . .2
Table 3.
PCF8523U wafer information . . . . . . . . . . . . . . .2
Table 4.
Marking codes . . . . . . . . . . . . . . . . . . . . . . . . . .2
Table 5.
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . .5
Table 6.
Registers overview . . . . . . . . . . . . . . . . . . . . . .7
Table 7.
Control_1 - control and status register 1
(address 00h) bit description . . . . . . . . . . . . . . .9
Table 8.
Control_2 - control and status register 2
(address 01h) bit description . . . . . . . . . . . . . .10
Table 9.
Control_3 - control and status register 3
(address 02h) bit description . . . . . . . . . . . . . . 11
Table 10. Register reset values . . . . . . . . . . . . . . . . . . . .12
Table 11. Power management function control bits . . . . .15
Table 12. Seconds - seconds and clock integrity status
register (address 03h) bit description . . . . . . . .20
Table 13. SECONDS coded in BCD format . . . . . . . . . . .20
Table 14. Minutes - minutes register (address 04h)
bit description . . . . . . . . . . . . . . . . . . . . . . . . .21
Table 15. Hours - hours register (address 05h)
bit description . . . . . . . . . . . . . . . . . . . . . . . . .21
Table 16. Days - days register (address 06h)
bit description . . . . . . . . . . . . . . . . . . . . . . . . .21
Table 17. Weekdays - weekdays register (address 07h)
bit description . . . . . . . . . . . . . . . . . . . . . . . . .22
Table 18. Weekday assignments . . . . . . . . . . . . . . . . . . .22
Table 19. Months - months register (address 08h)
bit description . . . . . . . . . . . . . . . . . . . . . . . . .22
Table 20. Month assignments in BCD format . . . . . . . . . .22
Table 21. Years - years register (09h) bit description . . . .23
Table 22. Minute_alarm - minute alarm register
(address 0Ah) bit description . . . . . . . . . . . . . .24
Table 23. Hour_alarm - hour alarm register (address 0Bh)
bit description . . . . . . . . . . . . . . . . . . . . . . . . .24
Table 24. Day_alarm - day alarm register (address 0Ch)
bit description . . . . . . . . . . . . . . . . . . . . . . . . .25
Table 25. Weekday_alarm - weekday alarm register
(address 0Dh) bit description . . . . . . . . . . . . . .25
Table 26. Flag location in register Control_2 . . . . . . . . . .26
Table 27. Example to clear only AF (bit 3) . . . . . . . . . . . . 26
Table 28. Offset - offset register (address 0Eh)
bit description. . . . . . . . . . . . . . . . . . . . . . . . . . 28
Table 29. Offset values . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Table 30. Correction pulses for MODE = 0 . . . . . . . . . . . 29
Table 31. Effect of clock correction for MODE = 0. . . . . . 29
Table 32. Correction pulses for MODE = 1 . . . . . . . . . . . 30
Table 33. Effect of clock correction for MODE = 1 . . . . . 30
Table 34. Tmr_CLKOUT_ctrl - timer and CLKOUT control
register (address 0Fh) bit description . . . . . . . 32
Table 35. CLKOUT frequency selection . . . . . . . . . . . . . 33
Table 36. Tmr_A_freq_ctrl - timer A frequency control
register (address 10h) bit description . . . . . . . 33
Table 37. Tmr_A_reg - timer A value register (address 11h)
bit description. . . . . . . . . . . . . . . . . . . . . . . . . . 34
Table 38. Tmr_B_freq_ctrl - timer B frequency control
register (address 12h) bit description . . . . . . . 34
Table 39. Tmr_B_reg - timer B value register (address 13h)
bit description. . . . . . . . . . . . . . . . . . . . . . . . . . 34
Table 40. Programmable timer characteristics . . . . . . . . 35
Table 41. First period delay for timer counter value n . . . 37
Table 42. Effect of bit SIE on INT1 and bit SF . . . . . . . . . 39
Table 43. Interrupt low pulse width for timer A. . . . . . . . . 40
Table 44. Interrupt low pulse width for timer B. . . . . . . . . 41
Table 45. First increment of time circuits after STOP
release . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
Table 46. I2C slave address byte . . . . . . . . . . . . . . . . . . . 47
Table 47. Limiting values . . . . . . . . . . . . . . . . . . . . . . . . 49
Table 48. Static characteristics . . . . . . . . . . . . . . . . . . . . 50
Table 49. I2C-bus interface timing . . . . . . . . . . . . . . . . . . 52
Table 50. Dimensions of PCF8523U . . . . . . . . . . . . . . . . 57
Table 51. Bump locations . . . . . . . . . . . . . . . . . . . . . . . . 58
Table 52. Alignment mark dimension and location . . . . . 58
Table 53. Gold bump hardness of PCF8523U. . . . . . . . . 58
Table 54. Carrier tape dimensions of PCF8523 . . . . . . . 59
Table 55. SnPb eutectic process (from J-STD-020C) . . . 63
Table 56. Lead-free process (from J-STD-020C) . . . . . . 63
Table 57. Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . 66
Table 58. Revision history . . . . . . . . . . . . . . . . . . . . . . . . 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com