Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8523TK/1 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PCF8523TK/1
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523TK/1 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PCF8523TK/1 Datasheet HTML 34Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 35Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 36Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 37Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 38Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 39Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 40Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 41Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
38 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
When the interrupt generation is enabled (CTAIE = 1) and the countdown timer flag CTAF
is set logic 1, an interrupt signal on INT1 is generated. The interrupt may be generated as
a pulsed signal every countdown period or as a permanently active signal, which follows
the condition of CTAF (register Control_2). The TAM bit (register Tmr_CLKOUT_ctrl) is
used to control this mode selection. The interrupt output may be disabled with the CTAIE
bit (register Control_2).
8.9.3 Timer B
Timer B can only be used as a countdown timer and can be switched on and off by the
TBC bit in register Tmr_CLKOUT_ctrl (0Fh).
The generation of interrupts from the countdown timer is controlled via the CTBIE bit
(register Control_2).
When enabled, it counts down from the software programmed 8 bit binary value n in
register Tmr_B_reg (13h). When the counter reaches 1 on the next rising edge of the
timer clock, the following events occur (see Figure 21):
• The countdown timer flag CTBF (register Control_2) is set logic 1
• When the interrupt generation is enabled (CTBIE = 1), interrupt signals on INT1 and
INT2 are generated
• The counter automatically reloads
• The next timer-period starts
At the end of every countdown, the timer sets the countdown timer flag CTBF (register
Control_2). CTBF may only be cleared by using the interface. Instructions, how to clear a
flag, is given in Section 8.7.5.
When reading the timer, the current countdown value is returned and not the initial
value n. Since it is not possible to freeze the countdown timer counter during read back, it
is recommended to read the register twice and check for consistent results.
In this example, it is assumed that the countdown timer flag (CTBF) is cleared before the next
countdown period expires and that interrupt output is set to pulse mode.
Fig 21. General countdown timer behavior
013aaa329
countdown value, n
timer source clock
countdown counter
WD/CD [1:0]
CTBF
INT1/INT2
02
03
00
01
XX
03
XX
01
03
02
01
03
02
n
duration of first timer period after
enable may range from n
−1 to n+1
n
01
03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com