Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8523TK/1 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF8523TK/1
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523TK/1 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF8523TK/1 Datasheet HTML 6Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 7Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 8Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 9Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 10Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 11Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 12Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 13Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
10 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
8.2.2 Register Control_2
[1]
Default value.
Table 8.
Control_2 - control and status register 2 (address 01h) bit description
Bit
Symbol
Value
Description
7WTAF
0[1]
no watchdog timer A interrupt generated
1
flag set when watchdog timer A interrupt
generated; flag is read-only and cleared by
reading register Control_2
6CTAF
0[1]
no countdown timer A interrupt generated
1
flag set when countdown timer A interrupt
generated; flag must be cleared to clear
interrupt
5CTBF
0[1]
no countdown timer B interrupt generated
1
flag set when countdown timer B interrupt
generated; flag must be cleared to clear
interrupt
4SF
0[1]
no second interrupt generated
1
flag set when second interrupt generated; flag
must be cleared to clear interrupt
3AF
0[1]
no alarm interrupt generated
1
flag set when alarm triggered; flag must be
cleared to clear interrupt
2WTAIE
0[1]
watchdog timer A interrupt is disabled
1
watchdog timer A interrupt is enabled
1CTAIE
0[1]
countdown timer A interrupt is disabled
1
countdown timer A interrupt is enabled
0CTBIE
0[1]
countdown timer B interrupt is disabled
1
countdown timer B interrupt is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com