Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8523TK/1 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # PCF8523TK/1
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523TK/1 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button PCF8523TK/1 Datasheet HTML 33Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 34Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 35Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 36Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 37Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 38Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 39Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 40Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
37 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
At the end of every countdown, the timer sets the countdown timer flag CTAF (register
Control_2). CTAF may only be cleared by using the interface. Instructions, how to clear a
flag, is given in Section 8.7.5.
When reading the timer, the current countdown value is returned and not the initial
value n. Since it is not possible to freeze the countdown timer counter during read back, it
is recommended to read the register twice and check for consistent results.
If a new value of n is written before the end of the actual timer-period, this value takes
immediate effect. It is not recommended to change n without first disabling the counter by
setting TAC[1:0] = 00 (register Tmr_CLKOUT_ctrl). The update of n is asynchronous to
the timer clock. Therefore changing it on the fly could result in a corrupted value loaded
into the countdown counter. This can result in an undetermined countdown period for the
first period. The countdown value n will be correctly stored and correctly loaded on
subsequent timer-periods.
Loading the counter with 0 effectively stops the timer.
When starting the countdown timer for the first time, only the first period does not have a
fixed duration. The amount of inaccuracy for the first timer-period depends on the chosen
source clock, see Table 41.
The generation of interrupts from the countdown timer is controlled via the CTAIE bit
(register Control_2).
In this example, it is assumed that the countdown timer flag (CTAF) is cleared before the next
countdown period expires and that the interrupt output is set to pulse mode.
Fig 20. General countdown timer behavior
Table 41.
First period delay for timer counter value n
Timer source clock
Minimum timer-period
Maximum timer-period
4.096 kHz
n
n + 1
64 Hz
n
n + 1
1 Hz
(n
 1) + 1⁄
64 Hz
n + 1⁄64 Hz
1⁄60 Hz
(n
 1) + 1⁄
64 Hz
n + 1⁄64 Hz
1⁄3600 Hz
(n
 1) + 1⁄
64 Hz
n + 1⁄64 Hz
013aaa328
countdown value, n
timer source clock
countdown counter
WD/CD [1:0]
CTAF
INT1
02
03
00
01
XX
03
XX
01
03
02
01
03
02
n
duration of first timer period after
enable may range from n
−1 to n+1
n
01
03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com