Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8523TK/1 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # PCF8523TK/1
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523TK/1 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button PCF8523TK/1 Datasheet HTML 43Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 44Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 45Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 46Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 47Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 48Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 49Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 50Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
47 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
[1]
Devices with other I2C-bus slave addresses can be produced on request.
After a START condition, the I2C slave address has to be sent to the PCF8523 device.
The R/W bit defines the direction of the following single or multiple byte data transfer. For
the format and the timing of the START condition (S), the STOP condition (P) and the
acknowledge bit (A) refer to the I2C-bus characteristics (see Ref. 12 on page 67). In the
write mode, a data transfer is terminated by sending either the STOP condition or the
START condition of the next data transfer.
Table 46.
I2C slave address byte
Slave address[1]
Bit
7
6
5
4
3
2
1
0
MSB
LSB
11
01
00
0R/W
Fig 32. Bus protocol for write mode
013aaa338
S
1
1
0
slave address
register address
00h to 13h
0 to n
data bytes
write bit
START/
STOP
acknowledge
from PCF8523
acknowledge
from PCF8523
acknowledge
from PCF8523
1
0
0
0
0
A
A
A
P/S
Fig 33. Bus protocol for read mode
013aaa339
S
1
1
0
slave address
0 to n data bytes
DATA BYTE
LAST DATA BYTE
read bit
acknowledge
from PCF8523
acknowledge
from master
no acknowledge
1
0
0
0
1
A
A
S
1
1
0
slave address
register address
00h to 13h
set register
address
read register
data
write bit
STOP
acknowledge
from PCF8523
acknowledge
from PCF8523
1
0
0
0
0
A
A
P
A
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com