Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8523TK/1 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF8523TK/1
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523TK/1 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF8523TK/1 Datasheet HTML 8Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 9Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 10Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 11Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 12Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 13Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 14Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 15Page - NXP Semiconductors PCF8523TK/1 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
12 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
8.3 Reset
A reset is automatically generated at power-on. A reset can also be initiated with the
software reset command. Software reset command means setting bits 6, 4, and 3 in
register Control_1 (00h) logic 1 and all other bits logic 0 by sending the bit sequence
01011000 (58h), see Figure 7.
Fig 7.
Software reset command
s
1
10
10
00
0
A
000
0
0
0
0
0
A
0
10
1
10
00
A P/S
SDA
SCL
internal
reset signal
slave address byte
address 00h
software reset 58h
R/W
013aaa320
Table 10.
Register reset values
Bits labeled X are undefined at power-on and unchanged by subsequent resets. Bits labeled - are
not implemented.
Address Register name
Bit
7
6
5
4
3
2
1
0
00h
Control_1
0
0
0
0
0
0
0
0
01h
Control_2
0
0
0
0
0
0
0
0
02h
Control_3
1
1
1
-
0
0
0
0
03h
Seconds
1
XXXXXXX
04h
Minutes
-
XXXXXXX
05h
Hours
-
-
XXXXXX
06h
Days
-
-
XXXXXX
07h
Weekdays
-----X
X
X
08h
Months
-
-
-
XXXXX
09h
Years
XXXXXXXX
0Ah
Minute_alarm
1
XXXXXXX
0Bh
Hour_alarm
1
-
XXXXXX
0Ch
Day_alarm
1
-
XXXXXX
0Dh
Weekday_alarm
1
----X
X
X
0Eh
Offset
00000000
0Fh
Tmr_CLKOUT_ctrl
00000000
10h
Tmr_A_freq_ctrl
-----1
1
1
11h
Tmr_A_reg
XXXXXXXX
12h
Tmr_B_freq_ctrl
-
0
0
0
-
1
1
1
13h
Tmr_B_reg
XXXXXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com