Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIN_G19 Datasheet(PDF) 49 Page - Altera Corporation

Part # PIN_G19
Description  The DE2-115 package contains all components needed to use the DE2-115 board in conjunction with a computer that runs the Microsoft Windows OS.
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PIN_G19 Datasheet(HTML) 49 Page - Altera Corporation

Back Button PIN_G19 Datasheet HTML 45Page - Altera Corporation PIN_G19 Datasheet HTML 46Page - Altera Corporation PIN_G19 Datasheet HTML 47Page - Altera Corporation PIN_G19 Datasheet HTML 48Page - Altera Corporation PIN_G19 Datasheet HTML 49Page - Altera Corporation PIN_G19 Datasheet HTML 50Page - Altera Corporation PIN_G19 Datasheet HTML 51Page - Altera Corporation PIN_G19 Datasheet HTML 52Page - Altera Corporation PIN_G19 Datasheet HTML 53Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 116 page
background image
48
Note : Users who want to use daughter card on GPIO connector need to pay close attention
to the I/O standard between DE2-115 GPIO connector pins and daughter card system. For
example, if the I/O standard of GPIO pins on DE2-115 board is set to 1.8V, a daughter card with
3.3V I/O standard may not work properly on the DE2-115 board due to I/O standard mismatch.
Figure 4-18 depicts the pin definition on the expansion connector for using these I/Os as LVDS
transmitters. Due to the reason that the column I/Os of the FPGA the expansion pins connecting
with can only support emulated LVDS transmitters, two single-ended output buffers and external
resistors must be used as shown in Figure 4-19. The associated I/O standard of these differential
FPGA I/O pins on Quartus II project should set to LVDS_E_3R.
Figure 4-18
Pin defined when using LVDS interface on GPIO FPGA pins
The factory default setting on Rs resistor will be 47 ohm and Rp resistor will not be assembled for
single-ended I/O standard application. For LVDS transmitter application, please assemble 120 and
170 ohm resistor on Rs and Rp position, respectively.
Finally, Table 4-12 shows all the pin assignments of the GPIO connector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com