Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIN_G19 Datasheet(PDF) 31 Page - Altera Corporation

Part # PIN_G19
Description  The DE2-115 package contains all components needed to use the DE2-115 board in conjunction with a computer that runs the Microsoft Windows OS.
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PIN_G19 Datasheet(HTML) 31 Page - Altera Corporation

Back Button PIN_G19 Datasheet HTML 27Page - Altera Corporation PIN_G19 Datasheet HTML 28Page - Altera Corporation PIN_G19 Datasheet HTML 29Page - Altera Corporation PIN_G19 Datasheet HTML 30Page - Altera Corporation PIN_G19 Datasheet HTML 31Page - Altera Corporation PIN_G19 Datasheet HTML 32Page - Altera Corporation PIN_G19 Datasheet HTML 33Page - Altera Corporation PIN_G19 Datasheet HTML 34Page - Altera Corporation PIN_G19 Datasheet HTML 35Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 116 page
background image
30
HSMC connector that will form a close JTAG loop chain on DE2-115 board (See Figure 4-2). Thus,
only the on board FPGA device (Cyclone IV E) will be detected by Quartus II programmer. If users
want to include another FPGA device or interface containing FPGA device in the chain via HSMC
connector, short pin2 and pin3 on JP3 to enable the JTAG signal ports on the HSMC connector.
Figure 4-1
The JTAG chain on DE2-115 board
Figure 4-2
The JTAG chain configuration header
The sections below describe the steps used to perform both JTAG and AS programming. For both
methods the DE2-115 board is connected to a host computer via a USB cable. Using this connection,
the board will be identified by the host computer as an Altera USB Blaster device. The process for
installing on the host computer the necessary software device driver that communicates with the
USB Blaster is described in the tutorial “Getting Started with Altera’s DE2-115 Board”
(tut_initialDE2-115.pdf). This tutorial is available on the DE2-115 System CD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com