Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIN_G19 Datasheet(PDF) 40 Page - Altera Corporation

Part # PIN_G19
Description  The DE2-115 package contains all components needed to use the DE2-115 board in conjunction with a computer that runs the Microsoft Windows OS.
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PIN_G19 Datasheet(HTML) 40 Page - Altera Corporation

Back Button PIN_G19 Datasheet HTML 36Page - Altera Corporation PIN_G19 Datasheet HTML 37Page - Altera Corporation PIN_G19 Datasheet HTML 38Page - Altera Corporation PIN_G19 Datasheet HTML 39Page - Altera Corporation PIN_G19 Datasheet HTML 40Page - Altera Corporation PIN_G19 Datasheet HTML 41Page - Altera Corporation PIN_G19 Datasheet HTML 42Page - Altera Corporation PIN_G19 Datasheet HTML 43Page - Altera Corporation PIN_G19 Datasheet HTML 44Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 116 page
background image
39
4
4..66 U
Ussiinngg tthhee LLC
CD
D M
Moodduullee
The LCD module has built-in fonts and can be used to display text by sending appropriate
commands to the display controller called HD44780. Detailed information for using the display is
available in its datasheet, which can be found on the manufacturer’s website, and from the
DE2_115_datasheets\LCD folder on the DE2-115 System CD. A schematic diagram of the LCD
module showing connections to the Cyclone IV E FPGA is given in Figure 4-12. The associated pin
assignments appear in Table 4-6.
Figure 4-12
Connections between the LCD module and Cyclone IV E FPGA
*(1): Note the current LCD modules used on DE2-115 boards do not have backlight.
Therefore the LCD_BLON signal should not be used in users’ design projects.
Table 4-6
Pin Assignments for LCD Module
Signal Name
FPGA Pin No. Description
I/O
Standard
LCD_DATA[7]
PIN_M5
LCD Data[7]
3.3V
LCD_DATA[6]
PIN_M3
LCD Data[6]
3.3V
LCD_DATA[5]
PIN_K2
LCD Data[5]
3.3V
LCD_DATA[4]
PIN_K1
LCD Data[4]
3.3V
LCD_DATA[3]
PIN_K7
LCD Data[3]
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com