Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIN_G19 Datasheet(PDF) 86 Page - Altera Corporation

Part # PIN_G19
Description  The DE2-115 package contains all components needed to use the DE2-115 board in conjunction with a computer that runs the Microsoft Windows OS.
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PIN_G19 Datasheet(HTML) 86 Page - Altera Corporation

Back Button PIN_G19 Datasheet HTML 82Page - Altera Corporation PIN_G19 Datasheet HTML 83Page - Altera Corporation PIN_G19 Datasheet HTML 84Page - Altera Corporation PIN_G19 Datasheet HTML 85Page - Altera Corporation PIN_G19 Datasheet HTML 86Page - Altera Corporation PIN_G19 Datasheet HTML 87Page - Altera Corporation PIN_G19 Datasheet HTML 88Page - Altera Corporation PIN_G19 Datasheet HTML 89Page - Altera Corporation PIN_G19 Datasheet HTML 90Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 116 page
background image
85
Figure 6-7
Block diagram of the Karaoke Machine demonstration
Demonstration Setup, File Locations, and Instructions
• Project directory: DE2_115_i2sound
• Bit stream used: DE2_115_i2sound.sof or DE2_115_i2sound.pof
• Connect a microphone to the microphone-in port (pink color) on the DE2-115 board
• Connect the audio output of a music-player, such as an MP3 player or computer, to the line-in
port (blue color) on the DE2-115 board
• Connect a headset/speaker to the line-out port (green color) on the DE2-115 board
• Load the bit stream into the FPGA by execute the batch file ‘DE2_115_i2sound’ under the
DE2_115_i2sound\demo_batch folder
• You should be able to hear a mixture of the microphone sound and the sound from the music
player
• Press KEY0 to adjust the volume; it cycles between volume levels 0 to 9
Note: If the HSMC loopback adapter is mounted, the I2C_SCL will be directly routed back
to I2C_SDA. Because audio chip, TV decoder chip and HSMC share one I2C bus, therefore
audio and video chip won’t function correctly.
Figure 6-8 illustrates the setup for this demonstration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com