Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIN_G19 Datasheet(PDF) 16 Page - Altera Corporation

Part # PIN_G19
Description  The DE2-115 package contains all components needed to use the DE2-115 board in conjunction with a computer that runs the Microsoft Windows OS.
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PIN_G19 Datasheet(HTML) 16 Page - Altera Corporation

Back Button PIN_G19 Datasheet HTML 12Page - Altera Corporation PIN_G19 Datasheet HTML 13Page - Altera Corporation PIN_G19 Datasheet HTML 14Page - Altera Corporation PIN_G19 Datasheet HTML 15Page - Altera Corporation PIN_G19 Datasheet HTML 16Page - Altera Corporation PIN_G19 Datasheet HTML 17Page - Altera Corporation PIN_G19 Datasheet HTML 18Page - Altera Corporation PIN_G19 Datasheet HTML 19Page - Altera Corporation PIN_G19 Datasheet HTML 20Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 116 page
background image
15
5.
The DE2_115_ControlPanel.sof bit stream is loaded automatically as soon as the
DE2_115_control_panel.exe is launched.
6.
In case the connection is disconnected, click on CONNECT where the .sof will be re-loaded
onto the board.
7.
Note, the Control Panel will occupy the USB port until you close that port; you cannot use Quartus II to
download a configuration file into the FPGA until the USB port is closed.
8.
The Control Panel is now ready for use; experience it by setting the ON/OFF status for some
LEDs and observing the result on the DE2-115 board.
Figure 3-1
The DE2-115 Control Panel
The concept of the DE2-115 Control Panel is illustrated in Figure 3-2. The “Control Circuit” that
performs the control functions is implemented in the FPGA board. It communicates with the
Control Panel window, which is active on the host computer, via the USB Blaster link. The
graphical interface is used to issue commands to the control circuit. It handles all requests and
performs data transfers between the computer and the DE2-115 board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com