Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIN_G19 Datasheet(PDF) 22 Page - Altera Corporation

Part # PIN_G19
Description  The DE2-115 package contains all components needed to use the DE2-115 board in conjunction with a computer that runs the Microsoft Windows OS.
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PIN_G19 Datasheet(HTML) 22 Page - Altera Corporation

Back Button PIN_G19 Datasheet HTML 18Page - Altera Corporation PIN_G19 Datasheet HTML 19Page - Altera Corporation PIN_G19 Datasheet HTML 20Page - Altera Corporation PIN_G19 Datasheet HTML 21Page - Altera Corporation PIN_G19 Datasheet HTML 22Page - Altera Corporation PIN_G19 Datasheet HTML 23Page - Altera Corporation PIN_G19 Datasheet HTML 24Page - Altera Corporation PIN_G19 Datasheet HTML 25Page - Altera Corporation PIN_G19 Datasheet HTML 26Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 116 page
background image
21
The Sequential Read function is used to read the contents of the SDRAM and fill them into a file as
follows:
1.
Specify the starting address in the Address box.
2.
Specify the number of bytes to be copied into the file in the Length box. If the entire contents
of the SDRAM are to be copied (which involves all 128 Mbytes), then place a checkmark in
the Entire Memory box.
3.
Press Load Memory Content to a File button.
4.
When the Control Panel responds with the standard Windows dialog box asking for the
destination file, specify the desired file in the usual manner.
Users can use the similar way to access the SRAM, EEPROM and Flash. Please note that users
need to erase the Flash before writing data to it.
3
3..55 U
US
SB
B M
Moonniittoorriinngg
The Control Panel provides users a USB monitoring tool which monitors the status of the USB
devices connected to the USB port on the DE2-115 board. By plugging in a USB device to the USB
host port of the board, the device type is displayed on the control window. Figure 3-8 shows a USB
mouse plugged into the host USB port.
Figure 3-8
USB Mouse Monitoring Tool



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com