Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIN_G19 Datasheet(PDF) 36 Page - Altera Corporation

Part # PIN_G19
Description  The DE2-115 package contains all components needed to use the DE2-115 board in conjunction with a computer that runs the Microsoft Windows OS.
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PIN_G19 Datasheet(HTML) 36 Page - Altera Corporation

Back Button PIN_G19 Datasheet HTML 32Page - Altera Corporation PIN_G19 Datasheet HTML 33Page - Altera Corporation PIN_G19 Datasheet HTML 34Page - Altera Corporation PIN_G19 Datasheet HTML 35Page - Altera Corporation PIN_G19 Datasheet HTML 36Page - Altera Corporation PIN_G19 Datasheet HTML 37Page - Altera Corporation PIN_G19 Datasheet HTML 38Page - Altera Corporation PIN_G19 Datasheet HTML 39Page - Altera Corporation PIN_G19 Datasheet HTML 40Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 116 page
background image
35
Table 4-1
Pin Assignments for Slide Switches
Signal Name
FPGA Pin No.
Description
I/O Standard
SW[0]
PIN_AB28
Slide Switch[0]
Depending on JP7
SW[1]
PIN_AC28
Slide Switch[1]
Depending on JP7
SW[2]
PIN_AC27
Slide Switch[2]
Depending on JP7
SW[3]
PIN_AD27
Slide Switch[3]
Depending on JP7
SW[4]
PIN_AB27
Slide Switch[4]
Depending on JP7
SW[5]
PIN_AC26
Slide Switch[5]
Depending on JP7
SW[6]
PIN_AD26
Slide Switch[6]
Depending on JP7
SW[7]
PIN_AB26
Slide Switch[7]
Depending on JP7
SW[8]
PIN_AC25
Slide Switch[8]
Depending on JP7
SW[9]
PIN_AB25
Slide Switch[9]
Depending on JP7
SW[10]
PIN_AC24
Slide Switch[10]
Depending on JP7
SW[11]
PIN_AB24
Slide Switch[11]
Depending on JP7
SW[12]
PIN_AB23
Slide Switch[12]
Depending on JP7
SW[13]
PIN_AA24
Slide Switch[13]
Depending on JP7
SW[14]
PIN_AA23
Slide Switch[14]
Depending on JP7
SW[15]
PIN_AA22
Slide Switch[15]
Depending on JP7
SW[16]
PIN_Y24
Slide Switch[16]
Depending on JP7
SW[17]
PIN_Y23
Slide Switch[17]
Depending on JP7
Table 4-2
Pin Assignments for Push-buttons
Signal Name
FPGA Pin No.
Description
I/O Standard
KEY[0]
PIN_M23
Push-button[0]
Depending on JP7
KEY[1]
PIN_M21
Push-button[1]
Depending on JP7
KEY[2]
PIN_N21
Push-button[2]
Depending on JP7
KEY[3]
PIN_R24
Push-button[3]
Depending on JP7
Table 4-3
Pin Assignments for LEDs
Signal Name
FPGA Pin No.
Description
I/O Standard
LEDR[0]
PIN_G19
LED Red[0]
2.5V
LEDR[1]
PIN_F19
LED Red[1]
2.5V
LEDR[2]
PIN_E19
LED Red[2]
2.5V
LEDR[3]
PIN_F21
LED Red[3]
2.5V
LEDR[4]
PIN_F18
LED Red[4]
2.5V
LEDR[5]
PIN_E18
LED Red[5]
2.5V
LEDR[6]
PIN_J19
LED Red[6]
2.5V
LEDR[7]
PIN_H19
LED Red[7]
2.5V
LEDR[8]
PIN_J17
LED Red[8]
2.5V
LEDR[9]
PIN_G17
LED Red[9]
2.5V
LEDR[10]
PIN_J15
LED Red[10]
2.5V
LEDR[11]
PIN_H16
LED Red[11]
2.5V
LEDR[12]
PIN_J16
LED Red[12]
2.5V
LEDR[13]
PIN_H17
LED Red[13]
2.5V
LEDR[14]
PIN_F15
LED Red[14]
2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com