Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIN_G19 Datasheet(PDF) 35 Page - Altera Corporation

Part # PIN_G19
Description  The DE2-115 package contains all components needed to use the DE2-115 board in conjunction with a computer that runs the Microsoft Windows OS.
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PIN_G19 Datasheet(HTML) 35 Page - Altera Corporation

Back Button PIN_G19 Datasheet HTML 31Page - Altera Corporation PIN_G19 Datasheet HTML 32Page - Altera Corporation PIN_G19 Datasheet HTML 33Page - Altera Corporation PIN_G19 Datasheet HTML 34Page - Altera Corporation PIN_G19 Datasheet HTML 35Page - Altera Corporation PIN_G19 Datasheet HTML 36Page - Altera Corporation PIN_G19 Datasheet HTML 37Page - Altera Corporation PIN_G19 Datasheet HTML 38Page - Altera Corporation PIN_G19 Datasheet HTML 39Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 116 page
background image
34
Figure 4-8
Connections between the slide switches and Cyclone IV E FPGA
4
4..33 U
Ussiinngg LLE
ED
Dss
There are 27 user-controllable LEDs on the DE2-115 board. Eighteen red LEDs are situated above
the 18 Slide switches, and eight green LEDs are found above the push-button switches (the 9th
green LED is in the middle of the 7-segment displays). Each LED is driven directly by a pin on the
Cyclone IV E FPGA; driving its associated pin to a high logic level turns the LED on, and driving
the pin low turns it off. Figure 4-9 shows the connections between LEDs and Cyclone IV E FPGA.
Figure 4-9
Connections between the LEDs and Cyclone IV E FPGA
A list of the pin names on the Cyclone IV E FPGA that are connected to the slide switches is given
in Table 4-1. Similarly, the pins used to connect to the push-button switches and LEDs are
displayed in Table 4-2 and Table 4-3, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com