Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3610 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3610
Description  320 mA Switched Capacitor Voltage Doubler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3610 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP3610 Datasheet HTML 2Page - Analog Devices ADP3610 Datasheet HTML 3Page - Analog Devices ADP3610 Datasheet HTML 4Page - Analog Devices ADP3610 Datasheet HTML 5Page - Analog Devices ADP3610 Datasheet HTML 6Page - Analog Devices ADP3610 Datasheet HTML 7Page - Analog Devices ADP3610 Datasheet HTML 8Page - Analog Devices ADP3610 Datasheet HTML 9Page - Analog Devices ADP3610 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
REV. A
ADP3610
–6–
THEORY OF OPERATION
The ADP3610 is an unregulated switched capacitor voltage
doubler that provides an output voltage greater than 5.4 V from
a +3.0 V to +3.6 V input. The unique push-pull voltage dou-
bling architecture allows it to deliver a maximum of 320 mA
output current. A typical application circuit, as shown in Figure
20, requires five small external capacitors. The ADP3610 has an
internal 1 MHz oscillator that is divided by two and used to
generate two nonoverlapping phase clocks.
The basic principle behind a conventional switched capacitor
voltage doubler is shown in Figure 15. During phase one, S1
and S2 are ON, charging the pump capacitor to the input volt-
age. In phase two, switches S1 and S2 are turned OFF and S3
and S4 are turned ON. During phase two, the pump capacitor
is placed in series with the input voltage, thereby charging the
output capacitor to the sum of input voltage and pump ca-
pacitor voltage, resulting in voltage doubling at the output
terminal.
+
S2
S1
VIN
VOUT
S3
S4
C
P
A
PHASE
1
PHASE
2
B
B
A
A
B
Figure 15. Conventional Voltage Doubler Configuration
The ADP3610 has two sets of switched capacitor voltage dou-
blers connected in parallel delivering charge to the output as
shown in Figure 16.
+
VIN
VOUT
S8
B
A
CP2
S6
S7
S2
S3
A
A
B
CP1
+
S5
S4
S1
B
B
A
Figure 16. Switch Configuration Charging the Pump
Capacitor
The two voltage doublers run in opposite phases, i.e., when one
pump capacitor is being charged, the other is charging the out-
put, as shown in Figure 17. In this architecture, one of the
pump capacitors is always delivering charge to the output. As a
result, output ripple is at a frequency that is double the switch-
ing frequency. This allows the use of a smaller output capacitor
compared to a conventional voltage doubler.
PHASE 1
(a)
VIN
VOUT
S8
CP2
S7
S2
CP1
A
A
A
+
+
S3
B
S4
B
S5
B
S6
B
S1
A
PHASE 2
(b)
B
S6
S3
S5
S4
B
VOUT
+
+
CP1
CP2
VIN
B
B
S8
A
S1
A
A
S2
A
S7
Figure 17. (a) Phase 1 “Push” Charging
(b) Phase 2 “Pull” Charging
Overvoltage Protection
The input voltage is scaled with a resistor network and com-
pared to the bandgap reference voltage of 1.25 V by a 50 mV
hysteresis comparator. When the input voltage exceeds 4.0 V,
the overvoltage protection signal stops the oscillator.
R1
R2
ADP3610
BANDGAP
= 1.25V
VIN
OSC
EN
50mV
Figure 18. Overvoltage Protection
Shutdown Mode
The ADP3610’s output can be disabled by pulling the SD pin
high to a TTL/CMOS logic compatible level which will stop the
internal oscillator. In shutdown mode, all analog circuitry in-
cluding overvoltage protection is shut off, thereby reducing the
quiescent current to 10
µA typical. Applying a digital low level
or tying the SD pin to ground will turn on the output. If the
shutdown feature is not used, SD pin should be tied to the
ground pin. The output voltage in shutdown mode is approxi-
mately VIN – 0.6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com