Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3610 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3610
Description  320 mA Switched Capacitor Voltage Doubler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3610 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP3610 Datasheet HTML 2Page - Analog Devices ADP3610 Datasheet HTML 3Page - Analog Devices ADP3610 Datasheet HTML 4Page - Analog Devices ADP3610 Datasheet HTML 5Page - Analog Devices ADP3610 Datasheet HTML 6Page - Analog Devices ADP3610 Datasheet HTML 7Page - Analog Devices ADP3610 Datasheet HTML 8Page - Analog Devices ADP3610 Datasheet HTML 9Page - Analog Devices ADP3610 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
REV. A
ADP3610
–8–
LOAD CURRENT – mA
VIN = 3 V
6.0
0
0
4.5
3.0
1.5
100
200
300
400
6 – 5.62
0.32
SLOPE = RTOTAL =
= 1.18
(5.62, 320 mA)
Figure 21. Load Regulation
Unregulated Voltage Doubler
Figure 20 shows a typical application for the ADP3610 in un-
regulated voltage doubling mode. The inherent limit on the
output voltage for a voltage doubler is two times the input volt-
age. However, due to the losses in the switches and ESR of
capacitors, this scaling factor is somewhat reduced. Figure 21
shows the magnitude of unregulated output voltage as the load
current is increased from 0 mA to 320 mA. This gives a measure
of the equivalent resistance RTOTAL. RTOTAL is comprised of
internal switch resistance and ESR of the capacitors.
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VIN
SD
CM1
GND
GND
GND
CM2
VIN
VIN
VIN
CP1
GND
VOUT
VOUT
CP2
VIN
ADP3610
CIN1
1 F
INPUT
VIN = 3.3V
OUTPUT
VO = 6.2V
@320mA
CIN2
1 F
CP1
2.2 F
CO
1 F
CP2
2.2 F
Figure 20. Unregulated Voltage Doubler



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com