Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3610 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP3610
Description  320 mA Switched Capacitor Voltage Doubler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3610 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP3610 Datasheet HTML 2Page - Analog Devices ADP3610 Datasheet HTML 3Page - Analog Devices ADP3610 Datasheet HTML 4Page - Analog Devices ADP3610 Datasheet HTML 5Page - Analog Devices ADP3610 Datasheet HTML 6Page - Analog Devices ADP3610 Datasheet HTML 7Page - Analog Devices ADP3610 Datasheet HTML 8Page - Analog Devices ADP3610 Datasheet HTML 9Page - Analog Devices ADP3610 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
REV. A
ADP3610
–9–
TFT LCD System Design
The ADP3610 is very useful for applications like notebook LCD
displays which require a low profile solution. Figure 22 shows a
typical LCD display application. A TFT LCD display requires
+5 V main voltage and +17 V and –5 V auxiliary voltages. The
ADP3610 doubles the input voltage, which is then fed through a
discrete linear regulator to generate +5 V. The main voltage is
also fed to the ADP3605, which inverts the input voltage to
generate –5 V. The CP+ node of the ADP3605 pump capacitor
is fed to a diode-capacitor ladder network to quadruple the main
voltage, i.e., 4
× VMAIN – 6 × VDIODE ≈ 17 V.
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VIN
SD
CM1
GND
GND
GND
CM2
VIN
VIN
VIN
CP1
GND
VOUT
VOUT
CP2
VIN
ADP3610
1 F
VIN = 3.0V TO 3.6V
1 F
CP1
2.2 F
1 F
CP2
2.2 F
2.2 F
2.2 F
1 F
1 F
1 F
1 F
0.1 F
1 F
25.5k
24.9k
1k
470
VMAIN = 5V @
150mA
VGH = 17V @
3mA
CP+
GND
VIN
VOUT
SD
NC
VSNS
CP–
2.2 F
1 F
VGL = –5V @
30mA
NC = NO CONNECT
ADP3605
2.2 F
TL431
Figure 22. LCD Display Application



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com