Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3610 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3610
Description  320 mA Switched Capacitor Voltage Doubler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3610 Datasheet(HTML) 4 Page - Analog Devices

  ADP3610 Datasheet HTML 1Page - Analog Devices ADP3610 Datasheet HTML 2Page - Analog Devices ADP3610 Datasheet HTML 3Page - Analog Devices ADP3610 Datasheet HTML 4Page - Analog Devices ADP3610 Datasheet HTML 5Page - Analog Devices ADP3610 Datasheet HTML 6Page - Analog Devices ADP3610 Datasheet HTML 7Page - Analog Devices ADP3610 Datasheet HTML 8Page - Analog Devices ADP3610 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
REV. A
ADP3610
–4–
TEMPERATURE – C
–20
5
85
20
–10
35
50
65
80
6.23
VIN = +3.3V
IL = 0mA
VIN = +3.3V
IL = 320mA
6.26
6.29
6.32
6.35
6.38
6.41
6.44
6.47
6.50
6.53
6.56
6.59
6.62
Figure 4. Output Voltage vs.
Temperature,
V
IN = +3.3 V
LOAD CURRENT – mA
6.1
6.0
5.6
0
100
400
200
300
5.9
5.8
5.7
Figure 7. Output Voltage vs. Load
Current for V
IN = +3.0 V
SUPPLY VOLTAGE – Volts
570
560
550
2.7
3.6
2.8
565
555
2.9 3.0
3.1
3.2
3.3 3.4
3.5
IL = 0mA
Figure 2. Oscillator Frequency vs.
Supply Voltage
TEMPERATURE – C
–20
5
85
20
–10
35
50
65
80
575
VIN = +3.0V
VIN = +3.3V
VIN = +3.6V
565
560
555
550
545
570
Figure 5. Oscillator Frequency vs.
Temperature
LOAD CURRENT – mA
6.7
6.6
6.2
0
100
400
200
300
6.5
6.4
6.3
Figure 8. Output Voltage vs. Load
Current for V
IN = +3.3 V
TEMPERATURE – C
9.5
8.9
–20
5
85
20
8.1
–10
35
50
65
80
7.7
7.9
8.3
8.5
8.7
9.1
9.3
9.7
VIN = +3.0V
VIN = +3.3V
VIN = +3.6V
Figure 3. Supply Current vs.
Temperature
TEMPERATURE – C
–20
5
85
20
–10
35
50
65
80
0
VIN = +3.0V
VIN = +3.3V
VIN = +3.6V
0.2
0.4
0.6
Figure 6. Supply Current in Shutdown
Mode vs. Temperature
LOAD CURRENT – mA
7.3
7.2
6.8
0
100
400
200
300
7.1
7.0
6.9
Figure 9. Output Voltage vs. Load
Current for V
IN = +3.6 V
–Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com