Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3610 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP3610
Description  320 mA Switched Capacitor Voltage Doubler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3610 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP3610 Datasheet HTML 2Page - Analog Devices ADP3610 Datasheet HTML 3Page - Analog Devices ADP3610 Datasheet HTML 4Page - Analog Devices ADP3610 Datasheet HTML 5Page - Analog Devices ADP3610 Datasheet HTML 6Page - Analog Devices ADP3610 Datasheet HTML 7Page - Analog Devices ADP3610 Datasheet HTML 8Page - Analog Devices ADP3610 Datasheet HTML 9Page - Analog Devices ADP3610 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
REV. A
ADP3610
–10–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
16-Lead Thin Shrink Small Outline Package (TSSOP)
(RU-16)
16
9
8
1
0.201 (5.10)
0.193 (4.90)
PIN 1
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.0118 (0.30)
0.0075 (0.19)
0.0256
(0.65)
BSC
0.0433
(1.10)
MAX
0.0079 (0.20)
0.0035 (0.090)
0.028 (0.70)
0.020 (0.50)
8°
0°



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com