Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3610 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3610
Description  320 mA Switched Capacitor Voltage Doubler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3610 Datasheet(HTML) 3 Page - Analog Devices

  ADP3610 Datasheet HTML 1Page - Analog Devices ADP3610 Datasheet HTML 2Page - Analog Devices ADP3610 Datasheet HTML 3Page - Analog Devices ADP3610 Datasheet HTML 4Page - Analog Devices ADP3610 Datasheet HTML 5Page - Analog Devices ADP3610 Datasheet HTML 6Page - Analog Devices ADP3610 Datasheet HTML 7Page - Analog Devices ADP3610 Datasheet HTML 8Page - Analog Devices ADP3610 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
REV. A
ADP3610
–3–
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VIN
SD
CM1
GND
GND
GND
CM2
VIN
VIN
VIN
CP1
GND
VOUT
VOUT
CP2
VIN
ADP3610
Table I. Other Members of ADP36xx Family
1
Output
Package
Model
Current
Options
2
Comments
ADP3603
50 mA
SO-8
Nom –3 V
± 3% Inverter
ADP3604
120 mA
SO-8
Nom –3 V
± 3% Inverter
ADP3605-3
120 mA
SO-8,
Nom –3 V
± 5% Inverter
TSSOP-14
ADP3607-5
50 mA
SO-8
Nom 5 V
± 5% Boost
ADP3607
50 mA
SO-8
Adjustable
± 5% Boost
NOTES
1See individual data sheets for detailed ordering information.
2SO = Small Outline; TSSOP = Thin Shrink Small Outline Package.
Table II. Alternative Capacitor Technologies
Type
Life
High Freq
Temp
Size
Cost
Aluminum
Electrolytic
Capacitor
Fair
Fair
Fair
Small
Low
Multilayer
Ceramic
Capacitor
Long
Good
Poor*
Fair
High
Solid
Tantalum
Above
Capacitor
Avg
Avg
Avg
Avg
Avg
OS-CON
Above
Capacitor
Avg
Good
Good
Good
Avg
*Refer to capacitor manufacturer’s data sheet for operation below 0
°C.
Table III. Recommended Capacitor Manufacturers
Manufacturer
Capacitor
Capacitor Type
Sprague
672D, 673D,
Aluminum Electrolytic
674D, 678D
Sprague
675D, 173D,
Tantalum
199D
Nichicon
PF and PL
Aluminum Electrolytic
Mallory
TDC and TDL
Tantalum
TOKIN
MLCC
Multilayer Ceramic
MuRata
GRM
Multilayer Ceramic
PIN FUNCTION DESCRIPTIONS
Pin
Name Function
1, 8, 9,
VIN
Input Voltage. Pins 1, 8, 9, 15 and 16
15, 16
must be connected together for proper
operation.
2
SD
Shutdown. A logic low input allows normal
operation. A logic high input shuts the device
off.
3
CM1
Pump Capacitor C1 Negative Input
4, 5, 6,
GND
Ground. Pins 4, 5, 6, and 13 must be
13
connected together for proper operation.
7
CM2
Pump Capacitor C2 Negative Input
10
CP2
Pump Capacitor C2 Positive Input
11, 12
VOUT
Output Voltage. Pins 11 and 12 must be
connected together for proper operation
.
14
CP1
Pump Capacitor C1 Positive Input



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com