Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3610 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3610
Description  320 mA Switched Capacitor Voltage Doubler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3610 Datasheet(HTML) 1 Page - Analog Devices

  ADP3610 Datasheet HTML 1Page - Analog Devices ADP3610 Datasheet HTML 2Page - Analog Devices ADP3610 Datasheet HTML 3Page - Analog Devices ADP3610 Datasheet HTML 4Page - Analog Devices ADP3610 Datasheet HTML 5Page - Analog Devices ADP3610 Datasheet HTML 6Page - Analog Devices ADP3610 Datasheet HTML 7Page - Analog Devices ADP3610 Datasheet HTML 8Page - Analog Devices ADP3610 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADP3610
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
320 mA Switched Capacitor
Voltage Doubler
FEATURES
Push-Pull Charge Pump Doubler Reduces Output Ripple
+3.0 V to +3.6 V Operation
VOUT > +5.4 V @ 320 mA Maximum Load
Output Impedance, RTOTAL ≤ 1.66
Shutdown Capability
Overvoltage Protection: VIN > +4 V
Operating Temperature Range: –20 C to +85 C
Thermally Enhanced 16-Lead TSSOP Package
APPLICATIONS
High Current Doublers
LCD Panels
Cellular Phones
Inductorless Boost Converters
GENERAL DESCRIPTION
The ADP3610 is a push-pull switched-capacitor converter volt-
age doubler. The term “push-pull” refers to two charge pumps
working in parallel and in opposing phase to deliver charge to
support the output voltage. When one capacitor is pumping
charge to the output, the other is recharging. This technique
minimizes voltage loss and output voltage ripple.
The converter accommodates input voltages from +3 V to
+3.6 V and can provide 320 mA using 2.2
µF MLCC pump
capacitors. Converter operation can be enabled or disabled
simply by an input signal. The package is enhanced with Analog
Devices’ proprietary Thermal Coastline feature, which allows
up to 980 mW of power dissipation at room temperature. The
exceptionally thin TSSOP-16 package and the requirement of
only capacitors (no inductors) to support the converter opera-
tion allows slim designs, e.g., for TFT or LCD display panels.
CIN
1 F
CP2
2.2 F
CP1
2.2 F
VIN
VOUT
SD
VOUT
VIN
GND
ADP3610
CO
1 F
Figure 1. Typical Application Circuit
FUNCTIONAL BLOCK DIAGRAM
1MHz
OSC
VIN
OVER-
VOLTAGE
PROTECTION
SD
GND
VOUT
CM2
CP2
CM1
CP1
DRV
DRIVE LOGIC
DRV
ADP3610


Similar Part No. - ADP3610

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3610 AD-ADP3610_15 Datasheet
203Kb / 10P
320 mA Switched Capacitor Voltage Doubler
REV. A
More results

Similar Description - ADP3610

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
Switched Capacitor Voltage Converter
logo
Analog Devices
ADP3605 AD-ADP3605 Datasheet
197Kb / 8P
120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV.A
ADP3607 AD-ADP3607 Datasheet
146Kb / 8P
50 mA Switched Capacitor Voltage Boost with Regulated Output
REV.0
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
Switched-Capacitor Voltage Converter
logo
Microchip Technology
TCM828 MICROCHIP-TCM828_10 Datasheet
378Kb / 26P
Switched Capacitor Voltage Converters
2010
logo
Analog Devices
ADP3605ARZ AD-ADP3605ARZ Datasheet
233Kb / 12P
120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV. B
ADP3605 AD-ADP3605_15 Datasheet
233Kb / 12P
120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV. B
ADP3610 AD-ADP3610_15 Datasheet
203Kb / 10P
320 mA Switched Capacitor Voltage Doubler
REV. A
logo
Global Mixed-mode Techn...
G5931 GMT-G5931_15 Datasheet
63Kb / 1P
Switched Capacitor Voltage Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com