Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3610 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3610
Description  320 mA Switched Capacitor Voltage Doubler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3610 Datasheet(HTML) 2 Page - Analog Devices

  ADP3610 Datasheet HTML 1Page - Analog Devices ADP3610 Datasheet HTML 2Page - Analog Devices ADP3610 Datasheet HTML 3Page - Analog Devices ADP3610 Datasheet HTML 4Page - Analog Devices ADP3610 Datasheet HTML 5Page - Analog Devices ADP3610 Datasheet HTML 6Page - Analog Devices ADP3610 Datasheet HTML 7Page - Analog Devices ADP3610 Datasheet HTML 8Page - Analog Devices ADP3610 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
REV. A
–2–
ADP3610–SPECIFICATIONS
Parameter
Symbol
Condition
Min
Typ
Max
Units
OPERATING SUPPLY RANGE
VIN
3.0
3.6
V
QUIESCENT CURRENT
IQ
SD = VIN
0.3
µA
SD = GND, IL = 0 mA
8.6
10
mA
INPUT OVP THRESHOLD
VOVP
4V
TOTAL OUTPUT IMPEDANCE
RTOTAL
4
IO = 0 mA to 320 mA
1
1.66
Ω
OUTPUT VOLTAGE
VO
IO = 240 mA, VIN = +3 V
5.6
5.75
V
IO = 320 mA, VIN = +3 V
5.47
5.65
V
IO = 240 mA, VIN = +3.3 V
6.2
6.35
V
IO = 320 mA, VIN = +3.3 V
6.07
6.27
V
OUTPUT CURRENT
IO
320
mA
OUTPUT SWITCHING FREQUENCY
fSW
400
560
650
kHz
SD INPUT
Logic Input High
VIH
2.0
V
Input Current
IIH
0.1
µA
Logic Input Low
VIL
0.8
V
Input Current
IIL
0.1
µA
NOTES
1Capacitors in the test circuit are multilayer ceramic type.
2All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods.
3Junction temperature is influenced by ambient temperature, device mounting and heatsinking, and power dissipation which is a function of I/O voltages and load.
4R
TOTAL includes the switch resistance, and the equivalent series resistance of the 2.2 µF (X7R) MLCC pump capacitors.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
1
Input Voltage (V+ to GND) . . . . . . . . . . . . . . . . . . . . +4.0 V
Output Short Circuit to GND (<1 A) . . . . . . . . . . . . . . 60 sec
Power Dissipation
θJA2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +102°C/W
Operating Ambient Temperature Range . . . . –20
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . +300
°C
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
NOTES
1This is a stress rating only; operation beyond these limits can cause the device to
be permanently damaged.
2
θ
JA is specified for worst case conditions with device soldered on a FR-4, 1 oz.
copper clad four layer circuit board.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
ADP3610ARU –20
°C to +85°C Thin Shrink Small RU-16
Outline Package
(TSSOP-16)
(–20 C
≤ T
A
≤ +85 C, V
IN = +3.3 V, CP1 = CP2 = 2.2
F, CO = 1 F, SD = GND,
unless otherwise noted)1, 2, 3
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADP3610 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com