Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLT04GS Datasheet(PDF) 5 Page - Analog Devices

Part # MLT04GS
Description  Four-Channel, Four-Quadrant Analog Multiplier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MLT04GS Datasheet(HTML) 5 Page - Analog Devices

  MLT04GS Datasheet HTML 1Page - Analog Devices MLT04GS Datasheet HTML 2Page - Analog Devices MLT04GS Datasheet HTML 3Page - Analog Devices MLT04GS Datasheet HTML 4Page - Analog Devices MLT04GS Datasheet HTML 5Page - Analog Devices MLT04GS Datasheet HTML 6Page - Analog Devices MLT04GS Datasheet HTML 7Page - Analog Devices MLT04GS Datasheet HTML 8Page - Analog Devices MLT04GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Typical Performance Characteristics – MLT04
–5–
REV. B
Figure 16. X-Input Gain and Phase vs. Frequency
Figure 17. Y-Input Gain and Phase vs. Frequency
Figure 18. Amplitude Response vs. Capacitive Load
Figure 15. Noise Density vs. Frequency
10000
1000
0
100
FREQUENCY – Hz
10
100
1M
100k
10k
1k
VS = ±5V
TA = +25°C
10k
100k
10M
1M
–12
12
0
–6
6
9
3
–3
–9
180
0
–90
90
135
45
–45
–135
–180
T
A
= +25
°C
V
S
= ±5V
V
X
= 100mV
V
Y
= +2.5V
GAIN
PHASE
PHASE = 68.3
°
@ 7.142 MHz
FREQUENCY – Hz
FREQUENCY – Hz
1k
10k
100M
10M
1M
100k
8
–2
–12
0
2
4
6
–10
–8
–6
–4
CL= 320pF
CL= 560pF
CL= 220pF
NO CL
CL= 100pF
VS = ±5V
RL = 2kΩ
TA = +25°C
Figure 13. Broadband Noise
TIME = 10ms/DIV
NBW = 10Hz –50kHz
T
A
= +25°C
100
10
0%
90
Figure 14. Broadband Noise
TIME = 10ms/DIV
NBW = 1.9MHz
T
A
= +25°C
100
10
0%
90
10k
100k
10M
1M
–12
12
0
–6
6
9
3
–3
–9
180
0
–90
90
135
45
–45
–135
–180
T
A
= +25
°C
V
S
=
±5V
V
X
= +2.5V
V
Y
= 100mV
GAIN
PHASE
PHASE = 68.1
°
@ 8.064 MHz
FREQUENCY – Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com