Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLT04GS Datasheet(PDF) 12 Page - Analog Devices

Part # MLT04GS
Description  Four-Channel, Four-Quadrant Analog Multiplier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MLT04GS Datasheet(HTML) 12 Page - Analog Devices

Back Button MLT04GS Datasheet HTML 4Page - Analog Devices MLT04GS Datasheet HTML 5Page - Analog Devices MLT04GS Datasheet HTML 6Page - Analog Devices MLT04GS Datasheet HTML 7Page - Analog Devices MLT04GS Datasheet HTML 8Page - Analog Devices MLT04GS Datasheet HTML 9Page - Analog Devices MLT04GS Datasheet HTML 10Page - Analog Devices MLT04GS Datasheet HTML 11Page - Analog Devices MLT04GS Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
–12–
REV. B
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
18-Lead Epoxy DIP (P Suffix)
18-Lead Wide-Body SOL (S Suffix)
then the output of the circuit has a pole at frequencies from 1 kHz
to 100 kHz for V
X ranging from 25 mV to 2.5 V.
The performance
of this low-pass filter is illustrated in Figure 20.
Figure 50. Low-Pass Cutoff Frequency vs. Control
Voltage, V
X
With this approach, it is possible to construct parametric biquad
filters whose parameters (center frequency, passband gain, and Q)
can be adjusted with dc control voltages.
MLT04
30
0
– 30
– 10
20
10
– 20
10
100
10M
1M
100k
10k
1k
FREQUENCY – Hz
V
X
= 0.025V
2.5V
0.25V
PIN 1
0.280 (7.11)
0.240 (6.10)
18
1
9
10
0.210
(5.33)
MAX
0.160 (4.06)
0.115 (2.93)
0.022 (0.558)
0.014 (0.356)
0.100
(2.54)
BSC
0.070 (1.77)
0.045 (1.15)
SEATING
PLANE
0.130
(3.30)
MIN
0.925 (23.49)
0.845 (21.47)
0.015
(0.38)
MIN
0.325 (8.25)
0.300 (7.62)
0.015 (0.38)
0.008 (0.20)
15°
0°
PIN 1
0.2992 (7.60)
0.2914 (7.40)
0.4193 (10.65)
0.3937 (10.00)
1
18
10
9
0.4625 (11.75)
0.4469 (11.35)
0.0192 (0.49)
0.0138 (0.35)
0.0500 (1.27)
BSC
0.1043 (2.65)
0.0926 (2.35)
0.0118 (0.30)
0.0040 (0.10)
0.0125 (0.32)
0.0091 (0.23)
0.0500 (1.27)
0.0157 (0.40)
8
°
0
°
0.0291 (0.74)
0.0098 (0.25)
x 45
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com