Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLT04GS Datasheet(PDF) 6 Page - Analog Devices

Part # MLT04GS
Description  Four-Channel, Four-Quadrant Analog Multiplier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MLT04GS Datasheet(HTML) 6 Page - Analog Devices

Back Button MLT04GS Datasheet HTML 2Page - Analog Devices MLT04GS Datasheet HTML 3Page - Analog Devices MLT04GS Datasheet HTML 4Page - Analog Devices MLT04GS Datasheet HTML 5Page - Analog Devices MLT04GS Datasheet HTML 6Page - Analog Devices MLT04GS Datasheet HTML 7Page - Analog Devices MLT04GS Datasheet HTML 8Page - Analog Devices MLT04GS Datasheet HTML 9Page - Analog Devices MLT04GS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
–6–
REV. B
MLT04 – Typical Performance Characteristics
Figure 19. Feedthrough vs. Frequency
Figure 20. Crosstalk vs. Frequency
Figure 21. Gain Flatness vs. Frequency
0
–40
–100
10k
3M
1M
100k
1k
–60
–80
–20
FREQUENCY – Hz
VX = 0V
VY = 1Vpk
VS = ±5V
TA = +25°C
VY = 0V
VX = 1Vpk
10k
10M
1M
100k
1k
0
–60
–120
–80
–100
–40
–20
T
A
= 25°C
V
S
= ±5V
V
X
= ±2.5V
pk
V
Y
= +2.5VDC
FREQUENCY – Hz
2.0
–0.5
–3.0
1k
10k
100M
10M
1M
100k
0
0.5
1.0
1.5
–2.5
–2.0
–1.5
–1.0
FREQUENCY – Hz
Y = 100mV RMS
X = 2.5VDC
ΩV
S = ±5V
RL = 2kΩ
TA = +25°C
X = 100mV RMS
Y = 2.5VDC
TIME – 100ns/DIV
ΩX-INPUT = +2.5V
RL = 10kΩ
TA = +25°C
90
100
10
0%
TIME – 100ns/DIV
ΩX-INPUT = +2.5V
RL = 10kΩ
TA = +25°C
90
100
10
0%
TIME = 100ns/DIV
ΩX-INPUT: +2.5V
RL = 10kΩ
TA = +25°C
90
100
10
0%
TIME = 100ns/DIV
ΩX-INPUT: +2.5V
RL = 10kΩ
TA = +25°C
90
100
10
0%
Figure 22. Y-Input Small-Signal Transient Response,
C
L = 30 pF
Figure 23. Y-Input Small-Signal Transient Response,
C
L = 100 pF
Figure 24. Y-Input Large-Signal Transient Re-
sponse, C
L = 30 pF
Figure 25. Y-Input Large-Signal Transient Response,
C
L = 100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com