Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLT04GS Datasheet(PDF) 8 Page - Analog Devices

Part # MLT04GS
Description  Four-Channel, Four-Quadrant Analog Multiplier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MLT04GS Datasheet(HTML) 8 Page - Analog Devices

Back Button MLT04GS Datasheet HTML 4Page - Analog Devices MLT04GS Datasheet HTML 5Page - Analog Devices MLT04GS Datasheet HTML 6Page - Analog Devices MLT04GS Datasheet HTML 7Page - Analog Devices MLT04GS Datasheet HTML 8Page - Analog Devices MLT04GS Datasheet HTML 9Page - Analog Devices MLT04GS Datasheet HTML 10Page - Analog Devices MLT04GS Datasheet HTML 11Page - Analog Devices MLT04GS Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
–8–
REV.B
Figure 33. Offset Voltage vs. Temperature
Figure 32. Offset Voltage Distribution
Figure 34. Scale Factor Distribution
Figure 35. Scale Factor vs. Temperature
Figure 36. Output Offset Voltage (Z
OS) Distribution
Figure 37. Output Offset Voltage (Z
OS)
vs. Temperature
MLT04
12.5
–10
–12.5
10
5
2.5
0
7.5
–2.5
–5
–7.5
OFFSET VOLTAGE – mV
0
300
150
50
100
250
200
T
A
= +25
°C
V
S
= ±5V
X = ±2.5V
XOS @ Y = ±2.5V
YOS @ X = ±2.5V
SS = 1000 MULTIPLIERS
6
–6
0
–4
–2
4
2
VS = ±5V
XOS, Y = ±2.5V
YOS, X = ±2.5V
125
–50
–75
100
50
25
075
–25
TEMPERATURE –
°C
0.415
0.3975
0.395
0.4125
0.410
0.4075
0.405
0.4025
0.400
SCALE FACTOR – 1/V
0
400
100
50
200
150
250
300
350
T
A
= +25°C
V
S
= ±5V
SS = 1000 MULTIPLIERS
125
–50
–75
100
75
50
25
0
–25
TEMPERATURE –
°C
0.407
0.402
0.405
0.403
0.404
0.406
VS = ±5V
NO LOAD
15
–12
–15
12
9
6
3
0
–3
–6
–9
OUTPUT OFFSET VOLTAGE – mV
0
100
50
200
150
250
300
400
350
T
A
= +25°C
V
S
= ±5V
V
X
= V
Y
= 0V
SS = 1000
MULTIPLIERS
–75
125
–50
75
100
50
25
0
–25
TEMPERATURE –
°C
10
–10
5
–5
0
Vs = ±5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com