Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLT04GS Datasheet(PDF) 9 Page - Analog Devices

Part # MLT04GS
Description  Four-Channel, Four-Quadrant Analog Multiplier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MLT04GS Datasheet(HTML) 9 Page - Analog Devices

Back Button MLT04GS Datasheet HTML 4Page - Analog Devices MLT04GS Datasheet HTML 5Page - Analog Devices MLT04GS Datasheet HTML 6Page - Analog Devices MLT04GS Datasheet HTML 7Page - Analog Devices MLT04GS Datasheet HTML 8Page - Analog Devices MLT04GS Datasheet HTML 9Page - Analog Devices MLT04GS Datasheet HTML 10Page - Analog Devices MLT04GS Datasheet HTML 11Page - Analog Devices MLT04GS Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
–9–
REV. B
Figure 39. Power Supply Rejection vs. Frequency
Figure 38. Supply Current vs. Temperature
MLT04
–75
125
–50
75
100
50
25
0
–25
TEMPERATURE –
°C
17
13
16
14
15
V
S
= ±5V
NO LOAD
VX = VY = 0
1k
1M
100k
10k
100
FREQUENCY – Hz
0
100
60
40
20
80
T
A
= +25
°C
V
S
= ±5V
+PSRR
–PSRR
–1.25
1.25
–0.50
–1.0
–0.75
0.25
–0.25
0
0.50
1.0
200
0
1000
800
600
400
1.25
0
1.0
σX +3σ
X
σX –3σ
0.75
HOURS OF OPERATION AT +125
°C
Figure 41. Output Voltage Offset (Z
OS) Distribution
Accelerated by Burn-in
Figure 40. Linearity Error (LE) Distribution Accelerated
by Burn-in
Figure 42. Scale Factor (K) Distribution Acceler-
ated by Burn-in
200
0
1000
800
600
400
HOURS OF OPERATION AT +125
°C
–15
15
–6
–12
–9
3
–3
0
6
9
12
σX +3σ
X
σX –3σ
σX –3σ
200
0
1000
800
600
400
HOURS OF OPERATION AT +125
°C
0.384
0.424
0.396
0.388
0.392
0.408
0.400
0.404
0.412
0.416
0.420
σX +3σ
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com