Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLT04GS Datasheet(PDF) 1 Page - Analog Devices

Part # MLT04GS
Description  Four-Channel, Four-Quadrant Analog Multiplier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MLT04GS Datasheet(HTML) 1 Page - Analog Devices

  MLT04GS Datasheet HTML 1Page - Analog Devices MLT04GS Datasheet HTML 2Page - Analog Devices MLT04GS Datasheet HTML 3Page - Analog Devices MLT04GS Datasheet HTML 4Page - Analog Devices MLT04GS Datasheet HTML 5Page - Analog Devices MLT04GS Datasheet HTML 6Page - Analog Devices MLT04GS Datasheet HTML 7Page - Analog Devices MLT04GS Datasheet HTML 8Page - Analog Devices MLT04GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MLT04
FUNCTIONAL BLOCK DIAGRAM
18-Lead Epoxy DIP (P Suffix)
18-Lead Wide Body SOIC (S Suffix)
REV. B
GENERAL DESCRIPTION
The MLT04 is a complete, four-channel, voltage output analog
multiplier packaged in an 18-pin DIP or SOIC-18. These complete
multipliers are ideal for general purpose applications such as voltage
controlled amplifiers, variable active filters, “zipper” noise free
audio level adjustment, and automatic gain control. Other applica-
tions include cost-effective multiple-channel power calculations
(I
× V), polynomial correction generation, and low frequency
modulation. The MLT04 multiplier is ideally suited for generating
complex, high-order waveforms especially suitable for geometry
correction in high-resolution CRT display systems.
FEATURES
Four Independent Channels
Voltage IN, Voltage OUT
No External Parts Required
8 MHz Bandwidth
Four-Quadrant Multiplication
Voltage Output; W = (X
× Y)/2.5 V
0.2% Typical Linearity Error on X or Y Inputs
Excellent Temperature Stability: 0.005%
±2.5 V Analog Input Range
Operates from
±5 V Supplies
Low Power Dissipation: 150 mW typ
Spice Model Available
APPLICATIONS
Geometry Correction in High-Resolution CRT Displays
Waveform Modulation & Generation
Voltage Controlled Amplifiers
Automatic Gain Control
Modulation and Demodulation
Fabricated in a complementary bipolar process, the MLT04
includes four 4-quadrant multiplying cells which have been laser-
trimmed for accuracy. A precision internal bandgap reference
normalizes signal computation to a 0.4 scale factor. Drift over
temperature is under 0.005%/
°C. Spot noise voltage of 0.3 µV/√Hz
results in a THD + Noise performance of 0.02% (LPF = 22 kHz)
for the lower distortion Y channel. The four 8 MHz channels
consume a total of 150 mW of quiescent power.
The MLT04 is available in 18-pin plastic DIP, and SOIC-18
surface mount packages. All parts are offered in the extended
industrial temperature range (–40
°C to +85°C).
Figure 2. THD + Noise vs. Frequency
Figure 1. Gain & Phase vs. Frequency Response
100
1
0.01
10
100
1M
100k
10k
1k
0.1
10
FREQUENCY – Hz
V
CC
= +5V
V
EE
= –5V
T
A
= +25°C
THDX: X = 2.5VP, Y = +2.5V DC
THDY: Y = 2.5VP, X = +2.5V DC
LPF = 500kHz
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
MLT-04
18
17
16
15
14
13
12
11
10
4
1
2
3
5
6
7
8
9
MLT04
W4
GND4
X4
V
EE
Y4
Y3
X3
GND3
W3
W1
GND1
X1
Y1
V
CC
Y2
X2
GND2
W2
W = (X
• Y)/2.5V
0
1k
10k
100M
10M
1M
100k
20
40
–40
–20
FREQUENCY – Hz
0
90
–90
V
CC = +5V
V
EE = –5V
T
A = +25°C
X & Y MEASUREMENTS
SUPERIMPOSED:
X = 100mV RMS, Y = 2.5V DC
Y = 100mV RMS, X = 2.5V DC
Av (X OR Y)
Ø (X OR Y)
8.9MHz
–3dB
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
a
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
Four-Channel, Four-Quadrant
Analog Multiplier


Similar Part No. - MLT04GS

ManufacturerPart #DatasheetDescription
logo
MultiDimension Technolo...
MLT1080-005010 MULTIDIMENSION-MLT1080-005010 Datasheet
892Kb / 10P
High Precision Analog Magnetic Scale Sensor
MLT1080-010010 MULTIDIMENSION-MLT1080-010010 Datasheet
892Kb / 10P
High Precision Analog Magnetic Scale Sensor
logo
PANDUIT CORP.
MLT10S-CP PANDUIT-MLT10S-CP Datasheet
260Kb / 1P
METAL LOCKING TIE STANDARD SERIES 304 STAINLESS STEEL
MLT10S-CP316 PANDUIT-MLT10S-CP316 Datasheet
217Kb / 1P
METAL LOCKING TIE STANDARD SERIES 316 STAINLESS STEEL
MLT10SH-LP316 PANDUIT-MLT10SH-LP316 Datasheet
231Kb / 1P
METAL LOCKING TIE SUPER HEAVY DUTY 316 STAINLESS STEEL
More results

Similar Description - MLT04GS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1495 ONSEMI-MC1495 Datasheet
332Kb / 16P
LINEAR FOUR-QUADRANT MULTIPLIER
August, 2001 ??Rev. 1
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
HA2556 INTERSIL-HA2556 Datasheet
205Kb / 20P
Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA2557 INTERSIL-HA2557 Datasheet
430Kb / 14P
Wideband Four Quadrant Analog Multiplier (Current Output)
July 1994
ICL8013 INTERSIL-ICL8013 Datasheet
132Kb / 8P
1MHz, Four Quadrant Analog Multiplier
April 1999
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
Wideband Four-Quadrant Multiplier
January 1996
HA-2557 INTERSIL-HA-2557 Datasheet
576Kb / 10P
130MHz, Four Quadrant, Current Output Analog Multiplier
September 1998
ICL8013 INTERSIL-ICL8013_00 Datasheet
726Kb / 8P
1MHz, Four Quadrant Analog Multiplier
November 2000
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM Datasheet
329Kb / 7P
FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
IC-BM ICHAUS-IC-BM_11 Datasheet
332Kb / 7P
FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com