Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLT04GS Datasheet(PDF) 7 Page - Analog Devices

Part # MLT04GS
Description  Four-Channel, Four-Quadrant Analog Multiplier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MLT04GS Datasheet(HTML) 7 Page - Analog Devices

Back Button MLT04GS Datasheet HTML 3Page - Analog Devices MLT04GS Datasheet HTML 4Page - Analog Devices MLT04GS Datasheet HTML 5Page - Analog Devices MLT04GS Datasheet HTML 6Page - Analog Devices MLT04GS Datasheet HTML 7Page - Analog Devices MLT04GS Datasheet HTML 8Page - Analog Devices MLT04GS Datasheet HTML 9Page - Analog Devices MLT04GS Datasheet HTML 10Page - Analog Devices MLT04GS Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. B
–7–
Figure 26. THD + Noise vs. Input Signal Level
Figure 27. Linearity Error vs. Temperature
Figure 28. X-Input Gain Bandwidth vs. Temperature
Figure 29. Y-Input Gain Bandwidth vs. Temperature
Figure 30. Maximum Output Swing vs. Frequency
Figure 31. Maximum Output Swing vs. Resistive Load
MLT04
1
0.01
0.001
0.1
0.1
1
10
INPUT SIGNAL LEVEL – Volts P-P
Y-INPUT
X = +2.5VDC
X-INPUT
Y = +2.5VDC
ΩV
S = ±5V
RL = 2kΩ
TA = +25°C
fO = 1kHz
FLPF = 22kHz
0.3
–0.3
0
–0.2
–0.1
0.2
0.1
125
–50
–75
100
50
25
0
75
–25
≤V
X
= +2.5V, –2.5V
≤ V
Y ≤
+2.5V
V
Y
= +2.5V, –2.5V
≤ V
X ≤
+2.5V
V
s
= ±5V
TEMPERATURE –
°C
–75
125
–50
9
5
8
6
7
75
100
50
25
0
–25
80
60
75
65
70
TEMPERATURE –
°C
V
S
= ±5V
V
X
= 100mV
V
Y
= +2.5V
–3dB BW
PHASE @ –3dB BW
–75
125
–50
9
5
8
6
7
75
100
50
25
0
–25
80
60
75
65
70
V
S
= ±5V
V
X
= +2.5V
V
Y
= 100mV
TEMPERATURE –
°C
–3dB BW
PHASE @ –3dB BW
4.5
4.0
0
10
100
10k
1k
1.5
1.0
0.5
2.0
2.5
3.0
3.5
ΩLOAD RESISTANCE – Ω
VS = ±5V
TA = +25°C
POSITIVE SWING
NEGATIVE SWING
10k
10M
1M
100k
1k
FREQUENCY – Hz
4
0
2
6
5
3
1
7
8
ΩT
A = +25°C
R
L = 2kΩ
V
S = ±5V
1%
DISTORTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com