Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLT04GS Datasheet(PDF) 4 Page - Analog Devices

Part # MLT04GS
Description  Four-Channel, Four-Quadrant Analog Multiplier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MLT04GS Datasheet(HTML) 4 Page - Analog Devices

  MLT04GS Datasheet HTML 1Page - Analog Devices MLT04GS Datasheet HTML 2Page - Analog Devices MLT04GS Datasheet HTML 3Page - Analog Devices MLT04GS Datasheet HTML 4Page - Analog Devices MLT04GS Datasheet HTML 5Page - Analog Devices MLT04GS Datasheet HTML 6Page - Analog Devices MLT04GS Datasheet HTML 7Page - Analog Devices MLT04GS Datasheet HTML 8Page - Analog Devices MLT04GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Figure 12. Y-Input Nonlinearity @ X = –2.5 V
Feedthrough
In the ideal case, the output of the multiplier should be zero if
either input is zero. In reality, some portion of the nonzero input
will “feedthrough” the multiplier and appear at the output. This is
caused by the product of the nonzero input and the offset voltage of
the “zero” input. Introducing an offset equal to and opposite of the
“zero” input offset voltage will null the linear component of the
feedthrough. Residual feedthrough at the output of the multiplier
is then irreducible core nonlinearity.
Typical X- and Y-input feedthrough curves for the MLT04 are
shown in Figures 7 and 8, respectively. These curves illustrate
MLT04 feedthrough after “zero” input offset voltage trim.
Residual X-input feedthrough measures 0.08% of full scale,
whereas residual Y-input feedthrough is almost immeasurable.
Figure 7. X-Input Feedthrough with Y
OS Nulled
Figure 8. Y-Input Feedthrough with X
OS Nulled
Nonlinearity
Multiplier core nonlinearity is the irreducible component of error.
It is the difference between actual performance and “best-straight-
line” theoretical output, for all pairs of input values. It is expressed
as a percentage of full scale with all other dc errors nulled. Typical
X- and Y-input nonlinearities for the MLT04 are shown in Figures
9 through 12. Worst-case X-input nonlinearity measured less than
0.2%, and Y-input nonlinearity measured better than 0.06%. For
modulator/demodulator or mixer applications it is, therefore,
recommended that the carrier be connected to the X-input while
the signal is applied to the Y-input.
REV. B
Figure 10. X-Input Nonlinearity @ Y = –2.5 V
Figure 11. Y-Input Nonlinearity @ X = +2.5 V
MLT04
Figure 9. X-Input Nonlinearity @ Y = +2.5 V
100
90
10
0%
HORIZONTAL – 0.5V/DIV
Y-INPUT: ±2.5V @ 10Hz
X
OS
NULLED
T
A
= +25°C
100
90
10
0%
HORIZONTAL – 0.5V/DIV
X-INPUT: ±2.5V @ 10Hz
Y-INPUT: +2.5V
Y
OS
NULLED
T
A
= +25°C
100
90
10
0%
HORIZONTAL – 0.5V/DIV
X-INPUT: ±2.5V @ 10Hz
Y
OS
NULLED
T
A
= +25°C
100
90
10
0%
HORIZONTAL – 0.5V/DIV
X-INPUT: ±2.5V @ 10Hz
Y-INPUT: –2.5V
Y
OS
NULLED
T
A
= +25°C
100
90
10
0%
HORIZONTAL – 0.5V/DIV
Y-INPUT: ±2.5V @ 10Hz
X-INPUT: +2.5V
X
OS
NULLED
T
A
= +25°C
100
90
10
0%
HORIZONTAL – 0.5V/DIV
Y-INPUT: ±2.5V @ 10Hz
X-INPUT: –2.5V
X
OS
NULLED
T
A
= +25°C
–4–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com