Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8C2SA Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # STW8C2SA
Description  Top View Led
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW8C2SA Datasheet(HTML) 7 Page - Seoul Semiconductor

Back Button STW8C2SA Datasheet HTML 3Page - Seoul Semiconductor STW8C2SA Datasheet HTML 4Page - Seoul Semiconductor STW8C2SA Datasheet HTML 5Page - Seoul Semiconductor STW8C2SA Datasheet HTML 6Page - Seoul Semiconductor STW8C2SA Datasheet HTML 7Page - Seoul Semiconductor STW8C2SA Datasheet HTML 8Page - Seoul Semiconductor STW8C2SA Datasheet HTML 9Page - Seoul Semiconductor STW8C2SA Datasheet HTML 10Page - Seoul Semiconductor STW8C2SA Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
SSC
SSC--STW8C2SA
STW8C2SA
Jan 2013
Jan 2013
www.seoulsemicon.com
www.seoulsemicon.com
SSC-QP-7-07-12 (Rev.01)
3. Characteristics of STW8C2SA
1) Electro-Optical characteristics at 100mA
2) Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Forward Current
IF
200
mA
Power Dissipation*[1]
Pd
1.36
W
Junction Temperature
Tj
125
ºC
Operating Temperature
Topr
-40 ~ +85
ºC
Storage Temperature
Tstg
-40 ~ +100
ºC
ESD (HBM)
±5,000V HBM
V
*Notes :
LED’s properties might be different from suggested values like above and below tables if operation
condition will be exceeded our parameter range.
[1] Care is to be taken that power dissipation does not exceed the absolute maximum rating of the
product.
(Ta=25℃, RH30%)
*Notes :
All measurements were made under the standardized environment of SSC.
[1] The luminous intensity IV was measured at the peak of the spatial pattern which may not be
aligned with the mechanical axis of the LED package.
[2] 2Θ1/2 is the off-axis where the luminous intensity is 1/2 of the peak intensity.
[3] Thermal resistance: Rth JS (Junction / solder)
* Tolerance : VF :±0.2V, IV :±7%, Ra :±2, x,y :±0.007
Parameter
Symbol
Value
Unit
Min
Typ
Max
Forward Voltage
VF
-
6.3
6.8
V
Reverse Voltage
VR (IR=5mA)
-
0.9
1.4
V
Luminous Intensity*
[1]
(3,700~7,000 K)
Iv
-
22.4
(72.6)
-
cd
(lm)
Luminous Intensity*
[1]
(2,600~3,700 K)
Iv
-
20.9
(66.1)
-
cd
(lm)
Correlated Color
Temperature
CCT
2,600
-
7,000
K
Viewing Angle
[2]
2Θ1/2
-
120
-
-
Thermal resistance
[3]
RthJS
-
10
-
ºC/W
Color Rendering Index*
Ra
80
83
90
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com