Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8C2SA Datasheet(PDF) 14 Page - Seoul Semiconductor

Part # STW8C2SA
Description  Top View Led
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW8C2SA Datasheet(HTML) 14 Page - Seoul Semiconductor

Back Button STW8C2SA Datasheet HTML 10Page - Seoul Semiconductor STW8C2SA Datasheet HTML 11Page - Seoul Semiconductor STW8C2SA Datasheet HTML 12Page - Seoul Semiconductor STW8C2SA Datasheet HTML 13Page - Seoul Semiconductor STW8C2SA Datasheet HTML 14Page - Seoul Semiconductor STW8C2SA Datasheet HTML 15Page - Seoul Semiconductor STW8C2SA Datasheet HTML 16Page - Seoul Semiconductor STW8C2SA Datasheet HTML 17Page - Seoul Semiconductor STW8C2SA Datasheet HTML 18Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
SSC
SSC--STW8C2SA
STW8C2SA
Jan 2013
Jan 2013
www.seoulsemicon.com
www.seoulsemicon.com
SSC-QP-7-07-12 (Rev.01)
5. Color & Binning
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
F5
F3
F1
F4
F2
F0
E5
E3
E1
E4
E2
D0
D5
D3
D1
D4
D2
E0
C5
C3
C1
C4
C2
C0
B5
B3
B1
B4
B2
B0
A3
A5
A1
A4
A2
A0
2600K
2700K
2900K
3000K
3200K
3500K
3700K
4000K
4200K
4500K
4700K
5000K
5300K
5600K
6000K
6500K
7000K
CIE X
0.42
0.44
0.46
0.48
0.38
0.40
0.42
0.44
2700K
2600K
H12
G42
G11
G21
2900K
3000K
3200K
CIE X
G41
G31
G22
G32
G12
G43
G23
G33
G13
G44
G24
G34
G14
H42
H11
H21
H41
H31
H22
H32
H43
H23
H33
H13
H44
H24
H34
H14
MACADAM 3STEP Rank
MACADAM 3STEP Rank
* Measurement Uncertainty of the Color Coordinates : ± 0.007
* Apply the Energy Star binning(3200~7000K) & MACADAM 3 Step binning (just, 2600~3200K)
0.42
0.44
0.46
0.48
0.38
0.40
0.42
0.44
2700K
2600K
H12
G42
G11
G21
2900K
3000K
3200K
CIE X
G41
G31
G22
G32
G12
G43
G23
G33
G13
G44
G24
G34
G14
H42
H11
H21
H41
H31
H22
H32
H43
H23
H33
H13
H44
H24
H34
H14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com