Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8C2SA Datasheet(PDF) 15 Page - Seoul Semiconductor

Part # STW8C2SA
Description  Top View Led
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW8C2SA Datasheet(HTML) 15 Page - Seoul Semiconductor

Back Button STW8C2SA Datasheet HTML 11Page - Seoul Semiconductor STW8C2SA Datasheet HTML 12Page - Seoul Semiconductor STW8C2SA Datasheet HTML 13Page - Seoul Semiconductor STW8C2SA Datasheet HTML 14Page - Seoul Semiconductor STW8C2SA Datasheet HTML 15Page - Seoul Semiconductor STW8C2SA Datasheet HTML 16Page - Seoul Semiconductor STW8C2SA Datasheet HTML 17Page - Seoul Semiconductor STW8C2SA Datasheet HTML 18Page - Seoul Semiconductor STW8C2SA Datasheet HTML 19Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
SSC
SSC--STW8C2SA
STW8C2SA
Jan 2013
Jan 2013
www.seoulsemicon.com
www.seoulsemicon.com
SSC-QP-7-07-12 (Rev.01)
● COLOR RANK
<IF=100mA, Ta=25℃>
5. Color & Binning
A0
A1
A2
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3028
0.3304
0.3115
0.3393
0.3041
0.324
0.3041
0.324
0.3126
0.3324
0.3055
0.3177
0.3126
0.3324
0.321
0.3408
0.3136
0.3256
0.3115
0.3393
0.3205
0.3481
0.3126
0.3324
A3
A4
A5
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3126
0.3324
0.3055
0.3177
0.3136
0.3256
0.3136
0.3256
0.3068
0.3113
0.3146
0.3187
0.3216
0.3334
0.3146
0.3187
0.3221
0.3261
0.321
0.3408
0.3136
0.3256
0.3216
0.3334
B0
B1
B2
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3207
0.3462
0.3292
0.3539
0.3212
0.3389
0.3212
0.3389
0.3293
0.3461
0.3217
0.3316
0.3293
0.3461
0.3373
0.3534
0.3293
0.3384
0.3292
0.3539
0.3376
0.3616
0.3293
0.3461
B3
B4
B5
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3293
0.3461
0.3217
0.3316
0.3293
0.3384
0.3293
0.3384
0.3222
0.3243
0.3294
0.3306
0.3369
0.3451
0.3294
0.3306
0.3366
0.3369
0.3373
0.3534
0.3293
0.3384
0.3369
0.3451
* Measurement Uncertainty of the Color Coordinates : ± 0.007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com