Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8C2SA Datasheet(PDF) 18 Page - Seoul Semiconductor

Part # STW8C2SA
Description  Top View Led
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW8C2SA Datasheet(HTML) 18 Page - Seoul Semiconductor

Back Button STW8C2SA Datasheet HTML 14Page - Seoul Semiconductor STW8C2SA Datasheet HTML 15Page - Seoul Semiconductor STW8C2SA Datasheet HTML 16Page - Seoul Semiconductor STW8C2SA Datasheet HTML 17Page - Seoul Semiconductor STW8C2SA Datasheet HTML 18Page - Seoul Semiconductor STW8C2SA Datasheet HTML 19Page - Seoul Semiconductor STW8C2SA Datasheet HTML 20Page - Seoul Semiconductor STW8C2SA Datasheet HTML 21Page - Seoul Semiconductor STW8C2SA Datasheet HTML 22Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
SSC
SSC--STW8C2SA
STW8C2SA
Jan 2013
Jan 2013
www.seoulsemicon.com
www.seoulsemicon.com
SSC-QP-7-07-12 (Rev.01)
● COLOR RANK
<IF=100mA, Ta=25℃>
5. Color & Binning
G11
G21
G31
G41
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.4365
0.4189
0.4430
0.4212
0.4496
0.4236
0.4562
0.4260
0.4324
0.4100
0.4387
0.4122
0.4451
0.4145
0.4515
0.4168
0.4261
0.4077
0.4324
0.4100
0.4387
0.4122
0.4451
0.4145
0.4299
0.4165
0.4365
0.4189
0.4430
0.4212
0.4496
0.4236
G12
G22
G32
G42
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.4324
0.4100
0.4387
0.4122
0.4451
0.4145
0.4515
0.4168
0.4284
0.4011
0.4345
0.4033
0.4406
0.4055
0.4468
0.4077
0.4223
0.3990
0.4284
0.4011
0.4345
0.4033
0.4406
0.4055
0.4261
0.4077
0.4324
0.4100
0.4387
0.4122
0.4451
0.4145
G13
G23
G33
G43
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.4284
0.4011
0.4345
0.4033
0.4406
0.4055
0.4468
0.4077
0.4243
0.3922
0.4302
0.3943
0.4361
0.3964
0.4420
0.3985
0.4185
0.3902
0.4243
0.3922
0.4302
0.3943
0.4361
0.3964
0.4223
0.3990
0.4284
0.4011
0.4345
0.4033
0.4406
0.4055
G14
G24
G34
G44
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.4243
0.3922
0.4302
0.3943
0.4361
0.3964
0.4316
0.3873
0.4203
0.3834
0.4259
0.3853
0.4259
0.3853
0.4302
0.3943
0.4147
0.3814
0.4203
0.3834
0.4420
0.3985
0.4373
0.3893
0.4185
0.3902
0.4243
0.3922
0.4316
0.3873
0.4361
0.3964
* Measurement Uncertainty of the Color Coordinates : ± 0.007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com