Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8C2SA Datasheet(PDF) 19 Page - Seoul Semiconductor

Part # STW8C2SA
Description  Top View Led
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW8C2SA Datasheet(HTML) 19 Page - Seoul Semiconductor

Back Button STW8C2SA Datasheet HTML 15Page - Seoul Semiconductor STW8C2SA Datasheet HTML 16Page - Seoul Semiconductor STW8C2SA Datasheet HTML 17Page - Seoul Semiconductor STW8C2SA Datasheet HTML 18Page - Seoul Semiconductor STW8C2SA Datasheet HTML 19Page - Seoul Semiconductor STW8C2SA Datasheet HTML 20Page - Seoul Semiconductor STW8C2SA Datasheet HTML 21Page - Seoul Semiconductor STW8C2SA Datasheet HTML 22Page - Seoul Semiconductor STW8C2SA Datasheet HTML 23Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
SSC
SSC--STW8C2SA
STW8C2SA
Jan 2013
Jan 2013
www.seoulsemicon.com
www.seoulsemicon.com
SSC-QP-7-07-12 (Rev.01)
● COLOR RANK
<IF=100mA, Ta=25℃>
5. Color & Binning
H11
H21
H31
H41
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.4325
0.4275
0.4687
0.4289
0.4750
0.4304
0.4810
0.4319
0.4575
0.4182
0.4636
0.4197
0.4697
0.4211
0.4758
0.4225
0.4515
0.4168
0.4575
0.4182
0.4636
0.4197
0.4697
0.4211
0.4562
0.4260
0.4625
0.4275
0.4687
0.4289
0.4750
0.4304
H12
H22
H32
H42
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.4575
0.4182
0.4636
0.4197
0.4697
0.4211
0.4758
0.4225
0.4526
0.4090
0.4585
0.4104
0.4644
0.4118
0.4703
0.4132
0.4468
0.4077
0.4526
0.4090
0.4585
0.4104
0.4644
0.4118
0.4515
0.4168
0.4575
0.4182
0.4636
0.4197
0.4697
0.4211
H13
H23
H33
H43
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.4526
0.4090
0.4585
0.4104
0.4644
0.4118
0.4703
0.4132
0.4477
0.3998
0.4534
0.4012
0.4591
0.4025
0.4648
0.4038
0.4420
0.3985
0.4477
0.3998
0.4534
0.4012
0.4591
0.4025
0.4468
0.4077
0.4526
0.4090
0.4585
0.4104
0.4644
0.4118
H14
H24
H34
H44
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.4477
0.3998
0.4534
0.4012
0.4591
0.4025
0.4648
0.4038
0.4428
0.3906
0.4483
0.3919
0.4538
0.3932
0.4593
0.3944
0.4373
0.3893
0.4428
0.3906
0.4483
0.3919
0.4538
0.3932
0.4420
0.3985
0.4477
0.3998
0.4534
0.4012
0.4591
0.4025
* Measurement Uncertainty of the Color Coordinates : ± 0.007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com