Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8C2SA Datasheet(PDF) 20 Page - Seoul Semiconductor

Part # STW8C2SA
Description  Top View Led
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW8C2SA Datasheet(HTML) 20 Page - Seoul Semiconductor

Back Button STW8C2SA Datasheet HTML 16Page - Seoul Semiconductor STW8C2SA Datasheet HTML 17Page - Seoul Semiconductor STW8C2SA Datasheet HTML 18Page - Seoul Semiconductor STW8C2SA Datasheet HTML 19Page - Seoul Semiconductor STW8C2SA Datasheet HTML 20Page - Seoul Semiconductor STW8C2SA Datasheet HTML 21Page - Seoul Semiconductor STW8C2SA Datasheet HTML 22Page - Seoul Semiconductor STW8C2SA Datasheet HTML 23Page - Seoul Semiconductor STW8C2SA Datasheet HTML 24Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
SSC
SSC--STW8C2SA
STW8C2SA
Jan 2013
Jan 2013
www.seoulsemicon.com
www.seoulsemicon.com
SSC-QP-7-07-12 (Rev.01)
6. Bin Code Description
Bin Code
Luminous Intensity [cd]
Color Rank
Forward Voltage [V]
K21
C3
Z62
Color Rank
@ IF = 100mA
A ~ H
Forward Voltage [V]
@ IF =100mA
RANK
Min.
Max.
Z58
5.8
6.0
Z60
6.0
6.2
Z62
6.2
6.4
Z64
6.4
6.6
Z66
6.6
6.8
Luminous Intensity [cd] *[1]
@ IF = 100mA
RANK
Min.
Max.
J17
17
19.5
J19
19.5
21.5
K21
21.5
24
K24
24
27.5
Available ranks
Not yet available ranks
CCT
CIE
IV Rank
3200~7000K
A-F
J17
J19
K21
K24
2600~3200K
G-H
J17
J19
K21
K24
*Notes :
All measurements were made under the standardized environment of SSC.
In order to ensure availability, single color rank will not be orderable.
[1] SSC sort the LED package according to the luminous intensity IV.
** The lumen table is only for reference.
IV rank
Flux rank **
RANK
Min.
Max.
RANK
Min.
Max.
J17
17
19.5
J17
52.7
60.5
J19
19.5
21.5
J19
60.5
66.7
K21
21.5
24
K21
66.7
74.4
K24
24
27.5
K24
74.4
85.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com