Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8C2SA Datasheet(PDF) 22 Page - Seoul Semiconductor

Part # STW8C2SA
Description  Top View Led
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW8C2SA Datasheet(HTML) 22 Page - Seoul Semiconductor

Back Button STW8C2SA Datasheet HTML 18Page - Seoul Semiconductor STW8C2SA Datasheet HTML 19Page - Seoul Semiconductor STW8C2SA Datasheet HTML 20Page - Seoul Semiconductor STW8C2SA Datasheet HTML 21Page - Seoul Semiconductor STW8C2SA Datasheet HTML 22Page - Seoul Semiconductor STW8C2SA Datasheet HTML 23Page - Seoul Semiconductor STW8C2SA Datasheet HTML 24Page - Seoul Semiconductor STW8C2SA Datasheet HTML 25Page - Seoul Semiconductor STW8C2SA Datasheet HTML 26Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
SSC
SSC--STW8C2SA
STW8C2SA
Jan 2013
Jan 2013
www.seoulsemicon.com
www.seoulsemicon.com
SSC-QP-7-07-12 (Rev.01)
8. Packing
1 SIDE
Outer Box Structure
Material : Paper(SW3B(B))
a
b
c
1
HUMIDITY INDICATOR
Aluminum Vinyl Bag
Reel
DESI PAK
PART NUMBER :
LOT NUMBER : XXXXXXXXXX
QUANTITY : XXXX
SEOUL SEMICONDUCTOR CO., LTD.
PART NUMBER :
LOT NUMBER : XXXXXXXXXX
QUANTITY : XXXX
SEOUL SEMICONDUCTOR CO., LTD.
PART NUMBER :
LOT NUMBER : XXXXXXXXXX
QUANTITY : XXXX
SEOUL SEMICONDUCTOR CO., LTD.
TYPE
7inch
SIZE (mm)
220
245
245 220
a
b
102
142
c
8. Packing
X9X10X11X12X13X14X15X16X17
xxxx
STW8Q2SA
SEOUL SEMICONDUCTOR CO..
X9X10X11X12X13X14X15X16X17
xxxx
STW8Q2SA
SEOUL SEMICONDUCTOR CO..
STW8C2SA
X9X10X11X12X13X14X15X16X17
xxxx
STW8Q2SA
SEOUL SEMICONDUCTOR CO..
STW8C2SA
X9X10X11X12X13X14X15X16X17
xxxx
STW8Q2SA
SEOUL SEMICONDUCTOR CO..
STW8C2SA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com